Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EQJF Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part No. EQJF
Description  High Frequency - Ultra-Low Jitter 50MHz to 2100MHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUROQUARTZ [EUROQUARTZ limited]
Homepage  http://www.euroquartz.co.uk
Logo 

EQJF Datasheet(HTML) 2 Page - EUROQUARTZ limited

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
ENVIRONMENTAL PERFORMANCE SPECIFICATION
Green Requirement
ROHS Compliant, pB (lead) free in accordance with EU Directive
2002/95/EC 6/6 (2002/95/EC) and WEEE (2002/96/EC)
Second Level Interconnect
e4
Moisture Sensetivity Level
Level 1 (infinite) according to IPC/JEDEC J-STD-020D.1
Storage Temperature Range
-55° to +150°C
Humidity
85% RH, 85°C, 48 hours
Fine Leak
MIL-STD-883 Method 1014, condition A
Gross Leak
MIL-STD-883 Method 1014, condition C
Solderability
MIL-STD-202F Method 208E
Reflow
260°C for 10 seconds, twice
Vibration
MIL-STD-202F Method 204, 35G, 50 to 2000Hz
Shock
MIL-STD-202F Method 213B, test cond. E, 1000g ½ sine wave
Resistance to Solvent
MIL-STD-202F Method 215
Temperature Cycling
MIL-STD-883 Method 1010
ESD Rating
Human body model (HBM): 2000V min.
Pad Surface Finish
Gold (0.3µm to 1.0µm) over nickel (1.27µm to 8.89µm)
Weight of Device
0.045 gm typical
PART NUMBERING
EQJF oscillator part numbers are configured as per the following example: EQJF-3-P-578-E-644.53
EQJF - 3 - P - 578 - E - 644.53
Series Code - EQJF
Supply Voltage
3 - 3.3V
25 - 2.5V
18 - 1.8V
Output Logic
P - PECL
L - LVDS
C - HCSL
Q - CML
Package
578 = 5 x 7mm
8 pad
Stability & Operating Temp. Code
Frequency (MHz)
Page 2 of 4
High Frequency - Ultra-Low Jitter
50MHz to 2100MHz
EQJF SERIES OSCILLATORS


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn