Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP1952 Datasheet(PDF) 10 Page - uPI Group Inc.

Part # UP1952
Description  Single Phase Synchronous-Rectified Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1952 Datasheet(HTML) 10 Page - uPI Group Inc.

Back Button UP1952 Datasheet HTML 5Page - uPI Group Inc. UP1952 Datasheet HTML 6Page - uPI Group Inc. UP1952 Datasheet HTML 7Page - uPI Group Inc. UP1952 Datasheet HTML 8Page - uPI Group Inc. UP1952 Datasheet HTML 9Page - uPI Group Inc. UP1952 Datasheet HTML 10Page - uPI Group Inc. UP1952 Datasheet HTML 11Page - uPI Group Inc. UP1952 Datasheet HTML 12Page - uPI Group Inc. UP1952 Datasheet HTML 13Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
uP1952
10
uP1952-DS-F0100, July 2013
www.upi-semi.com
Note
1.Package Outline Unit Description:
BSC: Basic. Represents theoretical exact dimension or dimension target
MIN: Minimum dimension specified.
MAX: Maximum dimension specified.
REF: Reference. Represents dimension for reference use only. This value is not a device specification.
TYP. Typical. Provided as a general value. This value is not a device specification.
2.Dimensions in Millimeters.
3.Drawing not to scale.
4.These dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm.
Package Information
PSOP-8L
0.3 1 - 0.51
4 .80 - 5.00
1.27 BSC
1.80 - 2.40
0 .00 - 0.15
1.7 MAX
1


Similar Part No. - UP1952

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1952-MD UPI-UP1952-MD Datasheet
193Kb / 11P
   Single Phase Synchronous-Rectified Buck Converter
UP1952PSU8-MD UPI-UP1952PSU8-MD Datasheet
193Kb / 11P
   Single Phase Synchronous-Rectified Buck Converter
More results

Similar Description - UP1952

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1952-MD UPI-UP1952-MD Datasheet
193Kb / 11P
   Single Phase Synchronous-Rectified Buck Converter
UP1959T-MD UPI-UP1959T-MD Datasheet
189Kb / 11P
   Single Phase Synchronous-Rectified Buck Converter
UP1959 UPI-UP1959 Datasheet
175Kb / 13P
   Single Phase Synchronous-Rectified Buck Converter
UP1951 UPI-UP1951 Datasheet
210Kb / 10P
   Multiple Phase Synchronous-Rectified Buck Converter
UP1951-MD UPI-UP1951-MD Datasheet
207Kb / 10P
   Multiple Phase Synchronous-Rectified Buck Converter
UP1962 UPI-UP1962 Datasheet
240Kb / 14P
   Single Phase -Rectified Buck Converter
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
   Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
   Synchronous-Rectified Buck Converter
UP1965S UPI-UP1965S Datasheet
194Kb / 11P
   Synchronous-Rectified Buck Converter
logo
Richtek Technology Corp...
RT9624D RICHTEK-RT9624D Datasheet
186Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com