Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LVTC16245A Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74LVTC16245A
Description  3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVTC16245A Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74LVTC16245A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVTC16245A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVTC16245A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVTC16245A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVTC16245A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVTC16245A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVTC16245A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVTC16245A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PI74LVTC16245
3.3V 16-Bit Bi-Directional Tranceivers
with3-StateOutputs
5
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS 8651A
05/19/03
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
p
y
T
)
9
(
s
t
i
n
U
CI
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
l
o
r
t
n
o
CV C
C
,
V
3
.
3
=VI =V C
C
D
N
G
r
o4
.
3
F
p
C O
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
/t
u
p
n
IV C
C
,
V
3
.
3
=VO =V C
C
D
N
G
r
o8
C D
P
e
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
)
0
1
(
V C
C
V
,
V
3
.
3
=
I
r
o
V
0
=V ,
C
C
z
H
M
0
1
=
f2
2
Capacitance
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
D
m
o
r
F
)
t
u
p
n
I
(
o
T
)
t
u
p
t
u
O
(
V C
C
V
3
.
0
±
V
3
.
3
=V C
C
V
7
.
2
=
s
t
i
n
U
CL
R
,
F
p
0
5
=
L
m
h
O
0
0
5
=CL
R
,
F
p
0
5
=
L
m
h
O
0
0
5
=
.
n
i
M.
p
y
T
)
1
1
(
.
x
a
M.
n
i
M.
x
a
M
t H
L
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
PB
r
o
AA
r
o
B
0
.
14
.
25
.
39
.
3
s
n
t L
H
P
0
.
14
.
25
.
39
.
3
t H
Z
P
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
OE
OB
r
o
A
0
.
18
.
29
.
43
.
5
t L
Z
P
0
.
17
.
29
.
43
.
5
t Z
H
P
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
OE
OB
r
o
A
0
.
17
.
23
.
48
.
4
t Z
L
P
0
.
15
.
23
.
48
.
4
t
)
O
(
K
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
w
e
k
S
)
2
1
(
5
.
0
Switching Characteristics Over Operating Range
Notes:
11. All typical values are measured at VCC = 3.3V, TA = 25°C.
12. Skew between any two outputs, switching in the same direction.
Notes:
9. All typical values are measured at VCC = 3.3V, TA = 25°C.
10. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption
(ICCD) at no output loading and operating at 50% duty cycle, CPD is related to ICCD dynamic operating current by the expression:
ICCD=(CPD)(VCC)(fIN)+(ICCstatic).


Similar Part No. - PI74LVTC16245A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTC16244 PERICOM-PI74LVTC16244 Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244A PERICOM-PI74LVTC16244A Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244E PERICOM-PI74LVTC16244E Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244V PERICOM-PI74LVTC16244V Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244VE PERICOM-PI74LVTC16244VE Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
More results

Similar Description - PI74LVTC16245A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTCH16245 PERICOM-PI74LVTCH16245 Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245_07 Datasheet
295Kb / 13P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
74ABT245 FAIRCHILD-74ABT245 Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Renesas Technology Corp
IDT74ALVC16245 RENESAS-IDT74ALVC16245 Datasheet
277Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162245 IDT-IDT74ALVC162245 Datasheet
93Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC16245 IDT-IDT74ALVC16245 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com