Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC14000-B003 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # NC14000-B003
Description  Cat5 Extender Unit - NC14003-B713
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

NC14000-B003 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  NC14000-B003 Datasheet HTML 1Page - Fujitsu Component Limited. NC14000-B003 Datasheet HTML 2Page - Fujitsu Component Limited. NC14000-B003 Datasheet HTML 3Page - Fujitsu Component Limited. NC14000-B003 Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Cat5 Extender
© 2004 Fujitsu Components America, Inc. All company and product names are trademarks or registered
trademarks of their respective owners. Specifications are subject to change without notice. Rev. 10/13/2004.
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: marcom@fcai.fujitsu.com
Web: www.fcai.fujitsu.com
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: www.fceu.fujitsu.com
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#04-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
www.fcal.fujitsu.com
Fujitsu Components
International
Headquarter
Offices
s EXAMPLES FOR CONNECTION
s EXAMPLES FOR APPLICATION


Similar Part No. - NC14000-B003

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NC14003-T591R FUJITSU-NC14003-T591R Datasheet
282Kb / 5P
   1U TFT-LCD 17??Multi-Interface Console Drawer
NC14003-T592R FUJITSU-NC14003-T592R Datasheet
282Kb / 5P
   1U TFT-LCD 17??Multi-Interface Console Drawer
NC14003-T593R FUJITSU-NC14003-T593R Datasheet
282Kb / 5P
   1U TFT-LCD 17??Multi-Interface Console Drawer
NC14004-B042R FUJITSU-NC14004-B042R Datasheet
282Kb / 5P
   1U TFT-LCD 17??Multi-Interface Console Drawer
NC14004-B082R FUJITSU-NC14004-B082R Datasheet
282Kb / 5P
   1U TFT-LCD 17??Multi-Interface Console Drawer
More results

Similar Description - NC14000-B003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1262A0 TRIPPLITE-B1262A0 Datasheet
510Kb / 3P
   2-Port HDMI over Cat5 Active Extender, Remote Unit
logo
Fujitsu Component Limit...
FE-2000CW FUJITSU-FE-2000CW Datasheet
387Kb / 6P
   Cat5 Wide Band Extender
FE-1000CW FUJITSU-FE-1000CW Datasheet
293Kb / 6P
   Cat5 Wide Band Extender
logo
Tripp Lite. All Rights ...
U00740M TRIPPLITE-U00740M Datasheet
487Kb / 2P
   USB over Cat5 Extender Kit
B165101 TRIPPLITE-B165101 Datasheet
489Kb / 2P
   Serial over Cat5-Cat6 RS232 Extender, Transmitter and Receiver
B1261A0WP1 TRIPPLITE-B1261A0WP1 Datasheet
509Kb / 3P
   HDMI over Cat5-Cat6 Active Extender, Wallplate Remote Receiver Unit for Video and Audio, 1920x1200 at 60Hz-1080p
0DT60001 TRIPPLITE-0DT60001 Datasheet
506Kb / 2P
   USB VGA over Cat5 UTP KVM Console Extender Kit - 500-ft
0DT23001 TRIPPLITE-0DT23001 Datasheet
490Kb / 2P
   PS2 VGA over Cat5 UTP KVM Console Extender Kit - 360-ft
B140110 TRIPPLITE-B140110 Datasheet
507Kb / 2P
   DVI over Cat5-Cat6 Extender, Box-Style Repeater, 1920x1080 at 60Hz
B1401P0 TRIPPLITE-B1401P0 Datasheet
479Kb / 2P
   DVI over Cat5-Cat6 Passive Extender, Video Receiver, 1920x1080 at 60Hz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com