Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WP125K8X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WP125K8X
Description  TinyLogic ULP Buffer with 3-STATE Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WP125K8X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WP125K8X Datasheet HTML 1Page - Fairchild Semiconductor NC7WP125K8X Datasheet HTML 2Page - Fairchild Semiconductor NC7WP125K8X Datasheet HTML 3Page - Fairchild Semiconductor NC7WP125K8X Datasheet HTML 4Page - Fairchild Semiconductor NC7WP125K8X Datasheet HTML 5Page - Fairchild Semiconductor NC7WP125K8X Datasheet HTML 6Page - Fairchild Semiconductor NC7WP125K8X Datasheet HTML 7Page - Fairchild Semiconductor NC7WP125K8X Datasheet HTML 8Page - Fairchild Semiconductor NC7WP125K8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VOL
LOW Level
0.90
0.1
0.1
V
IOL = 20 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
0.1
0.1
1.40
≤ V
CC ≤ 1.60
0.1
0.1
1.65
≤ V
CC ≤ 1.95
0.1
0.1
2.30
≤ V
CC ≤ 2.70
0.1
0.1
3.00
≤ V
CC ≤ 3.60
0.1
0.1
1.10
≤ V
CC ≤ 1.30
0.30 x VCC
0.30 x VCC
IOL = 0.5 mA
1.40
≤ V
CC ≤ 1.60
0.31
0.37
IOL = 1.0 mA
1.65
≤ V
CC ≤ 1.95
0.31
0.35
IOL = 1.5 mA
2.30
≤ V
CC ≤ 2.70
0.31
0.33
IOL = 2.1 mA
3.00
≤ V
CC ≤ 3.60
0.31
0.33
IOL = 2.6 mA
IIN
Input Leakage Current
0.90 to 3.60
±0.1
±0.9
µA0 ≤ V
I ≤ 3.6V
IOZ
3-STATE Output
0.90 to 3.60
±1.0
±5.0
µA
VI = VIH or VIL
Leakage
0
≤ V
O ≤ 3.6V
IOFF
Power Off Leakage Current
0
1.0
5.0
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
5.0
µAV
I = VCC or GND
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
0.90
26.0
ns
tPLH
1.10
≤ V
CC ≤ 1.30
4.0
10.0
19.1
3.5
39.6
1.40
≤ V
CC ≤ 1.60
2.0
6.0
11.2
1.5
14.5
CL = 10 pF
1.65
≤ V
CC ≤ 1.95
1.5
5.0
8.6
1.0
11.6
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
1.0
4.0
6.3
0.8
8.2
3.00
≤ V
CC ≤ 3.60
1.0
3.0
5.3
0.5
7.2
tPZH
Output
0.90
29.0
ns
CL = 10 pF
tPZL
Enable Time
1.10
≤ V
CC ≤ 1.30
4.0
8.0
17.5
3.5
40.4
RU = 5000Ω
1.40
≤ V
CC ≤ 1.60
2.0
6.0
11.9
1.5
14.8
RD = 5000Ω
1.65
≤ V
CC ≤ 1.95
1.5
5.0
9.7
1.0
12.3
S1 = GND for tPZH
2.30
≤ V
CC ≤ 2.70
1.0
4.0
7.7
0.8
10.5
S1 = VI for tPZL
3.00
≤ V
CC ≤ 3.60
1.0
3.0
6.9
0.5
8.6
tPHZ
Output
0.90
28.0
ns
CL = 10 pF
tPLZ
Disable Time
1.10
≤ V
CC ≤ 1.30
4.0
8.0
20.5
3.5
42.0
RU = 5000Ω
1.40
≤ V
CC ≤ 1.60
2.0
6.0
17.6
1.5
18.9
RD = 5000Ω
1.65
≤ V
CC ≤ 1.95
1.5
5.0
17.4
1.0
18.7
S1 = GND for tPHZ
2.30
≤ V
CC ≤ 2.70
1.0
4.0
16.4
0.8
17.7
S1 = VI for tPLZ
3.00
≤ V
CC ≤ 3.60
1.0
3.0
16.2
0.5
17.5
tPHL
Propagation Delay
0.90
28.0
ns
Figures
1, 2
tPLH
1.10
≤ V
CC ≤ 1.30
5.0
10.0
20.5
4.5
42.5
1.40
≤ V
CC ≤ 1.60
3.0
7.0
11.8
2.5
15.4
CL = 15 pF
1.65
≤ V
CC ≤ 1.95
2.0
5.0
9.1
2.0
12.2
RL = 1 MΩ
2.30
≤ V
CC ≤ 2.70
1.5
4.0
6.6
1.0
8.6
3.00
≤ V
CC ≤ 3.60
1.0
3.0
5.6
0.5
7.5
tPZH
Output
0.90
31.0
ns
CL = 15 pF
Figures
1, 2
tPZL
Enable Time
1.10
≤ V
CC ≤ 1.30
5.0
11.0
18.2
4.5
43.3
RU = 5000Ω
1.40
≤ V
CC ≤ 1.60
3.0
7.0
12.5
2.5
15.5
RD = 5000Ω
1.65
≤ V
CC ≤ 1.95
2.0
5.0
10.2
2.0
12.9
S1 = GND for tPZH
2.30
≤ V
CC ≤ 2.70
1.5
4.0
8.0
1.0
9.9
S1 = VI for tPLZ
3.00
≤ V
CC ≤ 3.60
1.0
3.0
7.2
0.5
8.9


Similar Part No. - NC7WP125K8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WP125K8X ONSEMI-NC7WP125K8X Datasheet
314Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised January 2005
More results

Similar Description - NC7WP125K8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP126 FAIRCHILD-NC7SP126 Datasheet
306Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7SP125 FAIRCHILD-NC7SP125_04 Datasheet
295Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7SP126 FAIRCHILD-NC7SP126_04 Datasheet
296Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP125 ONSEMI-NC7SP125 Datasheet
389Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised March 2004
logo
Fairchild Semiconductor
NC7SP125 FAIRCHILD-NC7SP125 Datasheet
293Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7WP125 ONSEMI-NC7WP125 Datasheet
314Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised January 2005
logo
Fairchild Semiconductor
NC7SV126 FAIRCHILD-NC7SV126_04 Datasheet
293Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125 Datasheet
290Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV126 FAIRCHILD-NC7SV126 Datasheet
303Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125_04 Datasheet
312Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com