Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCTXXXAM Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74VHCTXXXAM
Description  Octal Bus Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VHCTXXXAM Datasheet(HTML) 4 Page - Motorola, Inc

  MC74VHCTXXXAM Datasheet HTML 1Page - Motorola, Inc MC74VHCTXXXAM Datasheet HTML 2Page - Motorola, Inc MC74VHCTXXXAM Datasheet HTML 3Page - Motorola, Inc MC74VHCTXXXAM Datasheet HTML 4Page - Motorola, Inc MC74VHCTXXXAM Datasheet HTML 5Page - Motorola, Inc MC74VHCTXXXAM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHCT541A
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
4
Figure 1.
Figure 2.
OE1 or OE2
Y
Y
1.5V
tPZL
tPLZ
tPZH
tPHZ
3V
HIGH
IMPEDANCE
VOL +0.3V
VOH –0.3V
HIGH
IMPEDANCE
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Test Circuit
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Test Circuit
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
TEST CIRCUITS
SWITCHING WAVEFORMS
GND
tPHL
Y
A
tPLH
1.5V
1.5V
3V
VOL
VOH
1.5V
1.5V
GND


Similar Part No. - MC74VHCTXXXAM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCTXXAD ONSEMI-MC74VHCTXXAD Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHCTXXAD ONSEMI-MC74VHCTXXAD Datasheet
154Kb / 8P
   Hex Inverter
March, 2006 ??Rev. 3
MC74VHCTXXADT ONSEMI-MC74VHCTXXADT Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHCTXXADT ONSEMI-MC74VHCTXXADT Datasheet
154Kb / 8P
   Hex Inverter
March, 2006 ??Rev. 3
MC74VHCTXXAM ONSEMI-MC74VHCTXXAM Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
More results

Similar Description - MC74VHCTXXXAM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com