Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIG20J501L Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part No. MIG20J501L
Description  MIG20J501L
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG20J501L Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button MIG20J501L Datasheet HTML 12Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 13Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 14Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 15Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 16Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 17Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 18Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 19Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 20Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MIG20J501L
2001-05-07
16
IC internal circuit for IGBT driver
1. Input
High-side arm
Low-side arm
7.5 k
Continued on
next stage
VCC (L)
IN (X), (Y), (Z)
GND
Internal regulating
voltage 1 (5 V)
2.1 k
Continued on
next stage
VCC (U), (V), (W)
IN (U), (V), (W)
COM
Internal regulating
voltage 1 (6 V)
Internal regulating
voltage 2 (3.8 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn