Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIG20J501L Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part No. MIG20J501L
Description  MIG20J501L
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG20J501L Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button MIG20J501L Datasheet HTML 10Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 11Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 12Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 13Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 14Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 15Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 16Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 17Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MIG20J501L
2001-05-07
14
1
0.01
1
0.1
10
100
trr
Irr
Typical value
VCC = 300 V,
VD = 15 V,
Ta
= 25°C
10
0.1
1
1
10
100
ton (L)
toff (H)
ton (H)
toff (L)
tc (on)
tc (off)
tf
tr
Typical value
VCC = 300 V,
VD = 15 V,
Ta
= 25°C
0
00.5
11.5
2
2.5
5
10
15
20
25
VDB = 18 V
Tj = -20°C
Typical value
VDB = 15 V
VDB = 13 V
0
0
0.5
1
1.5
2
2.5
3
5
10
15
20
25
Typical value
100°C
25°C
-20°C
VF (V)
IF – VF
VCE (V)
IC – VCE
VCE (V)
IC – VCE
VCE (V)
IC – VCE
IC (A)
Switching time – IC
IC (A)
Switching time – IC
0
0
0.5
1
1.5
2
2.5
5
10
15
20
25
VDB = 18 V
Tj = 25°C
Typical value
VDB = 15 V
VDB = 13 V
0
00.5
11.5
2
2.5
5
10
15
20
25
VDB = 18 V
Tj = 100°C
Typical value
VDB = 15 V
VDB = 13 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn