Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIG20J501L Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part No. MIG20J501L
Description  MIG20J501L
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG20J501L Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button MIG20J501L Datasheet HTML 9Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 10Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 11Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 12Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 13Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 14Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 15Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 16Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MIG20J501L
2001-05-07
13
Inverter System
Recommended Usage Parts
C1: 10 mF (Bootstrap capacitor necessary to connect current limiting resistance.)
C2: 1 mF + 0.01 mF (Power supply bybass capacitor)
C3: 0.068 mF (For pulse width of error signal. tFo = C3 (mF) ´ 200 ms)
C4: 1 mF + 0.01 mF (Noise filter for Fixed resistor of overcurrent protection.)
R1: 1.54 kW ± 0.5% (Fixed resistor of overcurrent protection. OC = Rating Current ´ (1860/R1) )
R2: 51 W (Current limit resistance of bootstrap diode. Value depends upon system.)
R3: 3.3 kW (Pull-up resistor of fault output pin.)
D1: 600 V/1 A (High speed diode for bootstrap. Recommend: 1JU42.)
Please optimize sunnuber circuit between PN junction according to your using system.
MIG20J501L
MPU
D1
D1
D1
P
N
sunnuber
Converter
Inverter
AC
SW
Reg.
M
U
V
W
5 V
R3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn