Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIG20J501L Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. MIG20J501L
Description  MIG20J501L
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG20J501L Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MIG20J501L Datasheet HTML 1Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 2Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 3Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 4Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 5Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 6Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 7Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 8Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MIG20J501L
2001-05-07
1
TOSHIBA INTELLIGENT POWER MODULE
M I G 2 0 J 5 0 1 L
FEATURES
(1)
Maximum Rating
VCES = 600 V, IC = 20 A
(2)
Control IC
· High voltage IC ´ 3 + low voltage IC ´ 1
· 5-V system CMOS/correspond to TTL
· Single power supply driving bootstrap circuit
(3)
Functions
· Over current protection:
only low-side arm
· Short circuit protection:
high and low-side arms
· RTC:
high and low-side arms
· Over temperature protection:
only low-side arm
· Power supply under voltage protection: high and low-side arms
· Fault signal output:
In case of abnormal status of low-side arm
(4)
Applications
· Inverter air conditioners
· PWM carrier frequency 3 kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn