Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIG20J501L Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part No. MIG20J501L
Description  MIG20J501L
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG20J501L Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button MIG20J501L Datasheet HTML 3Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 4Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 5Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 6Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 7Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 8Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 9Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 10Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MIG20J501L
2001-05-07
7
Switching Time Test Circuit of Low Side
NOTE 2
Details in protection function against overcurrent
(1)
OC (overcurrent) protection
Protection function against overcurrent during the normal operation
This function is set to only a low-side circuit. Diagnosis is also output.
(2)
SC (short-circuit) protection
Protection function against overcurrent during abnormal operation such as a twisted wiring on a circuit board
This function is set to high-and low-side circuits. Diagnosis is also output.
(3)
RTC (real time control) protection
SC protection circuit has mask time period for about 2 ms to protect malfunction against noise. RTC protection
is designed to protect IGBT from overcurrent and limit current flow during this mask time period. OC and SC
protection functions cut off their operations, but RTC function just control current peak. Diagnosis function is
not applied to this protection.
Protection
Arm
Set Up Level
Error Signal
Low Side
120% that of rating
Q
OC
High Side
Non
¾
Low Side
180% that of rating
Q
SC
High Side
220% that of rating
Non
Low Side
400% that of rating
Non
RTC
High Side
400% that of rating
Non
Rroc
= 1.54 kW
15 V
1
mF
1
mF
1 k
W
1
mF
15 V
VCE
VCC
IN (Z) IN (Y)
roc
GND VCC (L) COM
CE (W) C (W) VCC (W)
IN (W)
IN (V) CE (V) C (V) VCC (V) IN (U) CE (U) C (U) VCC (U)
1 k
W
1
mF
15 V
PG
1 k
W
1
mF
15 V
IN (X)
Inductance
load
N
V
WU
P
Input Voltage
IC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn