Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIG20J501L Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. MIG20J501L
Description  MIG20J501L
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG20J501L Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button MIG20J501L Datasheet HTML 2Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 3Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 4Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 5Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 6Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 7Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 8Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 9Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MIG20J501L
2001-05-07
6
NOTE 1
Switching Waveform
Switching Time Test Circuit of High Side
15 V
1
mF
1
mF
PG
1 k
W
1
mF1 mF
15 V
15 V
Input Voltage
VCE
VCC
IC
IN (Z) IN (Y) IN (X)
roc
GND VCC (L) COM
CE (W) C (W) VCC (W)
IN (W)
IN (V) CE (V) C (V) VCC (V) IN (U)
CE (U) C (U)VCC (U)
1 k
W
1
mF
15 V
Inductance load
N
V
WU
P
VIN (ON)
VIN (OFF)
90%
10%
10%
10%
10%
ton
tc (on)
toff
tc (off)
trr
H
L
VCE
IC
Input Voltage
Rating Current
ton (H): high-side arms “ton
ton (L): low-side arms “ton
toff (H): high-side arms “toff
toff (L): low-side arms “toff


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn