Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIG20J501L Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. MIG20J501L
Description  MIG20J501L
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG20J501L Datasheet(HTML) 5 Page - Toshiba Semiconductor

  MIG20J501L Datasheet HTML 1Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 2Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 3Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 4Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 5Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 6Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 7Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 8Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MIG20J501L
2001-05-07
5
Mechanical Test and Characteristics
Item
Symbol
Test Condition
Applicable
Standard
Min
Typ.
Max
Unit
Recommended
rating: 12 kg·cm
¾
10
¾
15
kg·cm
Screw Tightening Torque
¾
Screws
M4
Recommended
rating: 1.18 N·m
¾
0.98
¾
1.47
N·m
Load 4.5 kg/44.1 N
(P, N, U, V, W pins)
Pin Straining Strength
¾
Load 1.0 kg/9.8 N
(except P, N, U, V, W pins)
JIS
C7021
30
¾
¾
s
Load 1.5 kg
/bend 90° with 14.7 N
(P, N, U, V, W pins)
Pin Bending Strength
¾
Load 0.5 kg
/bend 90° with 4.9 N
(except P, N, U, V, W pins)
JIS
C7021
2
¾
¾
cycles
Weight
¾
¾
¾
¾
52
¾
g
Recommended Usage Condition
Recommended Rating
Item
Symbol
Test Condition
Min
Typ.
Max
Unit
Power Supply Voltage
VCC
P
- N
200
300
400
V
Control Power Supply Voltage
VD
VCC (U), (V), (W) - COM,
VCC (L) - GND
13.5
15.0
16.5
V
Control Power Supply Voltage
VDB
C (U), (V), (W) - CE (U), (V), (W)
13.5
15.0
16.5
V
PWM Carrier Frequency
fc
¾
¾
3
¾
kHz
High and Low-side Arms Dead Time
tdead
Correspond to each arm input
10
¾
¾
ms
Minimum Input pulse width
tmin
Acceptable minimum Input pulse width
7
ms
Input ON-Threshold Voltage
VIN (ON)
IN (U), (V), (W) - COM
0 to 0.65
V
Input OFF-Threshold Voltage
VIN (OFF)
IN (X), (Y), (Z) - GND
4.0 to 5.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn