Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIG20J501L Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. MIG20J501L
Description  MIG20J501L
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG20J501L Datasheet(HTML) 4 Page - Toshiba Semiconductor

  MIG20J501L Datasheet HTML 1Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 2Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 3Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 4Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 5Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 6Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 7Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 8Page - Toshiba Semiconductor MIG20J501L Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MIG20J501L
2001-05-07
4
Electrical Characteristics (Unless otherwise specified, Tj
==== 25°C)
Inverter
Item
Symbol
Test Condition
Min
Typ.
Max
Unit
IC = 20 A, Tj = 25°C
1.4
1.8
2.3
Collector-Emitter Saturation Voltage
VCE (sat)
VD = VDB = 15 V
Input
= ON
IC = 20 A,
Tj = 125°C
1.5
¾
3.0
V
Forward Voltage
VF
IF = 20 A, Input = OFF
¾
2.0
2.7
V
ton (H)
¾
4.5
5.5
ton (L)
¾
4.0
5.5
trr
¾
0.1
¾
tc (on)
¾
1.1
1.5
toff (H)
¾
3.2
4.5
toff (L)
¾
1.1
2.2
Switching Time
tc (off)
VCC = 300 V, VD = 15 V, IC = 20 A
Inductance load
(high and low-side arms)
Input
= ON
(NOTE 1)
¾
0.5
1.0
ms
Tj = 25°C
¾
¾
1.0
Collector Cut-off Current
ICES
VCE = 600 V
Tj = 125°C
¾
¾
10
mA
Control (protection)
Item
Symbol
Test Condition
Min
Typ.
Max
Unit
Control Power Supply Voltage
VD
VCC (U), (V), (W) - COM,
VCC (L) - GND
13.5
15.0
16.5
V
VCC (L) - GND
¾
14
¾
mA
Circuit Current
ID
VD = 15 V,
Input
= OFF
VDB = 15 V,
Input
= OFF
C (U) - CE (U),
C (V) - CE (V),
C (W) - CE (W)
¾
1.5
¾
mA
VFOH
Rroc
= 1.54 kW, VD = 15 V,
FO
= 10 kW 5 V pullup
4.9
¾
¾
V
VFOL (1)
Rroc
= 1.54 kW, IFO = 5 mA, VD = 10 V
¾
1.2
1.8
V
Fault Output Voltage
VFOL (2)
VD = 15 V, FO = 10 kW 5 V pullup
¾
0.8
1.0
V
High-and Low-Side Arm Dead Time
tdead
Correspond to each arm input
VD = 15 V
-20 <= Tj <= 100°C
10
¾
¾
ms
Over Current Protection Trip Level
IOC
VD = 15 V, Rroc = 1.54 kW ± 0.5%,
IOC = 1.86 k ´ current (rating) (20 A)
/Rroc
(Note 1)
20
24
28
A
UVDBH
Trip level
10.0
10.5
11.3
V
UVDBHhys
Hysteresis
0.4
0.55
0.7
V
UVDL
Trip level
11.5
12.0
12.5
V
Control Power Supply Under Voltage
Protection
UVDLhys
Tj <
= 125°C
Filtering time
min 5
ms
Hysteresis
0.3
0.5
0.7
V
OT
Trip level
VD = 15 V
¾
150
¾
°C
Over Temperature Protection (Tj)
(Note 2)
OThys
Hysteresis
VD = 15 V
¾
7.5
¾
°C
Fault Output Pulse Width
tFO
VD = 15 V, CFO = 22 nF
(Note 3)
2.6
4.4
¾
ms
Input ON-Threshold Voltage (H side)
VIN (ON)
1.0
¾
2.0
Input OFF-Threshold Voltage (H side)
VIN (OFF)
IN (U), (V), (W) - COM
VD = 15 V
2.0
¾
3.0
V
Input ON-Threshold Voltage (L side)
VIN (ON)
1.0
¾
2.0
Input OFF-Threshold Voltage (L side)
VIN (OFF)
IN (X), (Y), (Z) - GND
VD = 15 V
2.0
¾
3.0
V
Note 1: Can set overcurrent protection only at low-side arm.
Note 2: Tj specifies junction temperature for low-side control IC.
Note 3: When low-side arm trips caused by over/short current protection or under voltage protection or over
temperature protection, fault pulse outputs.
Pulse width, tFO, can be derived from the following equation:
tFO (ms)
= 200 ´ external capacitance (mF)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn