Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

489D224X035A46V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 489D224X035A46V
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D224X035A46V Datasheet(HTML) 1 Page - Vishay Siliconix

  489D224X035A46V Datasheet HTML 1Page - Vishay Siliconix 489D224X035A46V Datasheet HTML 2Page - Vishay Siliconix 489D224X035A46V Datasheet HTML 3Page - Vishay Siliconix 489D224X035A46V Datasheet HTML 4Page - Vishay Siliconix 489D224X035A46V Datasheet HTML 5Page - Vishay Siliconix 489D224X035A46V Datasheet HTML 6Page - Vishay Siliconix 489D224X035A46V Datasheet HTML 7Page - Vishay Siliconix 489D224X035A46V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
105
489D, 499D
Vishay Sprague
Document Number 42070
Revision 02-Aug-02
For technical questions, contact eurotant@vishay.com
Resin-Coated, Radial-Lead
Solid Tantalum Capacitors
FEATURES
• Large capacitance range
• Encapsulated in a hard orange epoxy resin
• Large variety of lead styles available
• Supplied on tape and reel or ammopack
• Low impedance and ESR at high frequencies
APPLICATIONS
•Offer a very cost effective solution in the consumer,
industrial and professional electronics markets. The
capacitors are intended for high volume applications.
ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C: Type 489D
- 55°C to + 125°C Type 499D
LEAD STYLE CONFIGURATIONS AND DIMENSIONS (MAX) in millimeters
LEAD
STYLES 1-2-3-4
STYLE 6
STYLE 9
STYLES 2-4
STYLE 6
CASE
D
P
H
P
H1
P
H2
P
H3
P
H4
A
3.7
2.5
7.0
5
9.5
5
10.0
2.5
7.0
5
11.0
B
4.0
2.5
7.5
5
10.0
5
10.5
2.5
7.5
5
11.5
C
4.5
2.5
8.0
5
10.5
5
11.0
2.5
8.0
5
12.0
D
5.0
2.5
9.0
5
11.5
5
12.0
2.5
9.0
5
13.0
E
5.5
2.5
10.0
5
12.5
5
13.0
2.5
10.0
5
14.0
F
6.0
2.5
11.0
5
13.5
5
14.0
2.5
11.0
5
15.0
H
6.5
2.5
12.0
5
14.5
5
15.0
2.5
12.0
5
16.0
M
10.0
5.0
14.5
5
18.0
5.0
14.5
N
11.0
5.0
16.0
5
19.0
R
12.0
5.0
19.0
5
22.0
REEL/AMMO : CODE A, B, C
D MAX.
0.5Ø
3
P ± 0.5
H
Max.
15 Min.
20 Max.
D MAX.
H2
MAX.
P ± 0.5
4.5 ± 1.5
Upper edge
of Printed
Circuit Board
1.1 ± 0.05
0.5Ø
D MAX.
H1
MAX.
P ± 0.5
5.5 ± 0.5
0.5Ø
15 Min.
20 Max.
H
MAX.
D MAX.
P
P ± 0.5
0.5Ø
D MAX.
H3
MAX.
P ± 0.5
D MAX.
P ± 0.5
H4
MAX.
BULK : CODE V
1 & 3
2 & 4
6
9
2 & 4
6
ORDERING INFORMATION
489D
TYPE
686
CAPACITANCE
X0
CAPACITANCE
TOLERANCE
6R3
DC VOLTAGE RATING
@ + 85°C
D
CASE CODE
2
LEAD STYLE
A
PACKAGING
489D
Standard +85°C
499D
Standard +125°C
Low IL
Expressed in pico-
farads. The first
two digits are the
significant figures.
The third is the
number of zeros
following.
X0 =
± 20%
X9 =
± 10%
Expressed by zeros if
needed to complete the
3 digit block. A decimal
point is indicated by an
"R" (6R3 = 6.3 volts).
See Table
Ratings and
Case Codes
A= Ammopack
B= Reel pack,
positive leader
C= Reel pack,
negative leader
V= Bulk Pack
1, 2, 3, 4,
6, 9
See description
on next page


Similar Part No. - 489D224X035A46V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D VISHAY-489D Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D686X06R3D1A VISHAY-489D686X06R3D1A Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
More results

Similar Description - 489D224X035A46V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com