Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGGP.35F.07.0060A Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # AGGP.35F.07.0060A
Description  35mm Two Stage 28dB GPS-GLONASS-GALILEO GNSS Active Patch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AGGP.35F.07.0060A Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button AGGP.35F.07.0060A_17 Datasheet HTML 2Page - Taoglas antenna solutions AGGP.35F.07.0060A_17 Datasheet HTML 3Page - Taoglas antenna solutions AGGP.35F.07.0060A_17 Datasheet HTML 4Page - Taoglas antenna solutions AGGP.35F.07.0060A_17 Datasheet HTML 5Page - Taoglas antenna solutions AGGP.35F.07.0060A_17 Datasheet HTML 6Page - Taoglas antenna solutions AGGP.35F.07.0060A_17 Datasheet HTML 7Page - Taoglas antenna solutions AGGP.35F.07.0060A_17 Datasheet HTML 8Page - Taoglas antenna solutions AGGP.35F.07.0060A_17 Datasheet HTML 9Page - Taoglas antenna solutions AGGP.35F.07.0060A_17 Datasheet HTML 10Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SPE-12-8-018/E/SS
Page 8 of 10
7. Plugs Usage Precautions
7.1. Mating / Unmating
(1) To disconnect connectors, insert the end portion of I-PEX under the
connector flanges and pull off vertically, in the direction of the connector
mating axis.
(2) To mate the connectors, the mating axes of both connectors must be
aligned and the connectors can be mated. The "click" will confirm fully mated
connection. Do not attempt to insert on an extreme angle.
7.2. Pull forces on the cable after connectors are mated
After the connectors are mated, do not apply a load to the cable in excess of the
values indicated in the diagram below.


Similar Part No. - AGGP.35F.07.0060A_17

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AGGP.35F.07.0060A TAOGLAS-AGGP.35F.07.0060A Datasheet
1,018Kb / 14P
   low power consumption
More results

Similar Description - AGGP.35F.07.0060A_17

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AGGP.25F.07.0060A TAOGLAS-AGGP.25F.07.0060A_17 Datasheet
767Kb / 9P
   25mm Two Stage GPS-GLONASS-GALILEO GNSS Active Patch
AGGP35F070060A TAOGLAS-AGGP35F070060A Datasheet
893Kb / 10P
   35mm Two Stage 28dB GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
List of Unclassifed Man...
AGGP35F070060A ETC2-AGGP35F070060A Datasheet
1Mb / 12P
   35mm Two Stage 28dB GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
AGGP25F070060A ETC2-AGGP25F070060A Datasheet
1Mb / 11P
   25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
Taoglas antenna solutio...
AGGP25F070060A TAOGLAS-AGGP25F070060A Datasheet
716Kb / 9P
    25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
AVX Corporation
1004322 AVX-1004322 Datasheet
583Kb / 3P
   GPS/GLONASS/Beidou/Galileo Patch Antenna
9/27/2021
logo
Suzhou Maswell Communic...
AN_GPS_P228B MASWELL-AN_GPS_P228B Datasheet
766Kb / 3P
   GNSS Surveying Antenna (GPS/GLONASS/Galileo/COMPASS)
logo
Taoglas antenna solutio...
SGGP.25.4.A.02 TAOGLAS-SGGP.25.4.A.02 Datasheet
1Mb / 14P
   GPS/GLONASS/GALILEO SMT Patch Antenna
logo
Suzhou Maswell Communic...
AN_GPS_P228F MASWELL-AN_GPS_P228F Datasheet
747Kb / 3P
   GNSS Surveying Antenna (GPS/GLONASS/Galileo/COMPASS)
logo
Taoglas antenna solutio...
AGGBP25B070060A TAOGLAS-AGGBP25B070060A Datasheet
1Mb / 13P
   25x25mm Two Stage GPS-GLONASS-GALILEO-BeiDou Embedded Active Patch Antenna Module with Front-End SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com