Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1584101 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1584101
Description  Contact insert - HC-DD72-I-CT-F-144
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1584101 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1584101 Datasheet HTML 1Page - PHOENIX CONTACT 1584101 Datasheet HTML 2Page - PHOENIX CONTACT 1584101 Datasheet HTML 3Page - PHOENIX CONTACT 1584101 Datasheet HTML 4Page - PHOENIX CONTACT 1584101 Datasheet HTML 5Page - PHOENIX CONTACT 1584101 Datasheet HTML 6Page - PHOENIX CONTACT 1584101 Datasheet HTML 7Page - PHOENIX CONTACT 1584101 Datasheet HTML 8Page - PHOENIX CONTACT 1584101 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/us/products/1584101
14.11.2013   Page 1 / 10
Contact insert - HC-DD72-I-CT-F-144 - 1584101
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
HEAVYCON female insert, DD72 series, 72-pos., 73 ... 144 color print, crimp connection. PE connection using
tension sleeve technology.
 
Key commercial data
Packing unit
1 1
Weight per Piece (excluding packing)
80.35 GRM
Custom tariff number
85366990
Country of origin
China
Technical data
General
Note
For HEAVYCON ADVANCE and HEAVYCON housing of B16 type, crimp
contacts CK 1,6-ED (crimp contacts not included in the scope of supply).
Plug-in connections may only be operated only when there is no load/
voltage.
Connection method
Crimp connection
Pollution degree
3
Surge voltage category
III
Constructional and testing regulations
DIN VDE 0627/86
DIN VDE 0110/02.79
DIN VDE 0110-1/04.97
IEC 60664-1, DIN IEC 60512
IEC 60352
Number of positions
72+PE
Insertion/withdrawal cycles
≥ 500
Design
B16
Connection in acc. with standard
IEC / EN
Conductor cross section
0.14 mm² ... 2.5 mm²


Similar Part No. - 1584101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1584114 PHOENIX-1584114 Datasheet
116Kb / 10P
   Contact insert - HC-DD108-I-CT-M
1584127 PHOENIX-1584127 Datasheet
119Kb / 11P
   Contact insert - HC-DD108-I-CT-M-216
1584130 PHOENIX-1584130 Datasheet
119Kb / 10P
   Contact insert - HC-DD108-I-CT-F
1584143 PHOENIX-1584143 Datasheet
122Kb / 11P
   Contact insert - HC-DD108-I-CT-F-216
1584198 PHOENIX-1584198 Datasheet
65Kb / 4P
   Screw - HC-B-TMS-ERSSCHR
09/11/2020
More results

Similar Description - 1584101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1584088 PHOENIX-1584088 Datasheet
117Kb / 10P
   Contact insert - HC-DD72-I-CT-M-144
1584091 PHOENIX-1584091 Datasheet
120Kb / 10P
   Contact insert - HC-DD72-I-CT-F
1584075 PHOENIX-1584075 Datasheet
93Kb / 4P
   Contact insert - HC-DD72-I-CT-M
1406537 PHOENIX-1406537 Datasheet
70Kb / 3P
   Contact insert - HC-Q05-I-CT-F
1418623 PHOENIX-1418623 Datasheet
82Kb / 4P
   Contact insert - HC-Q07-I-CT-F
1405263 PHOENIX-1405263 Datasheet
79Kb / 4P
   Contact insert - HC-HV06-I-CT-F
1418625 PHOENIX-1418625 Datasheet
91Kb / 4P
   Contact insert - HC-Q12-I-CT-F
1584046 PHOENIX-1584046 Datasheet
99Kb / 4P
   Contact insert - HC-DD24-I-CT-F
1584703 PHOENIX-1584703 Datasheet
71Kb / 4P
   Contact insert - HC-BB10-I-CT-F
1584745 PHOENIX-1584745 Datasheet
94Kb / 4P
   Contact insert - HC-BB32-I-CT-F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com