Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66727 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD66727
Description  Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66727 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD66727 Datasheet HTML 1Page - Hitachi Semiconductor HD66727 Datasheet HTML 2Page - Hitachi Semiconductor HD66727 Datasheet HTML 3Page - Hitachi Semiconductor HD66727 Datasheet HTML 4Page - Hitachi Semiconductor HD66727 Datasheet HTML 5Page - Hitachi Semiconductor HD66727 Datasheet HTML 6Page - Hitachi Semiconductor HD66727 Datasheet HTML 7Page - Hitachi Semiconductor HD66727 Datasheet HTML 8Page - Hitachi Semiconductor HD66727 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
HD66727
4
LCD-II Family Comparison
Item
LCD-II
(HD44780U)
HD66702R
HD66710
HD66712U
Power supply voltage
2.7V to 5.5V
5V
± 10% (standard)
2.7 V to 5.5V
(low voltage)
2.7V to 5.5V
2.7V to 5.5V
Liquid crystal drive
voltage
3.0 to 11.0V
3.0V to 8.3V
3.0 to 13.0V
2.7 to 11.0V
Maximum display -
characters per chip
8 characters
×
2 lines
20 characters
×
2 lines
16 characters
×
2 lines/
8 characters
×
4 lines
24 characters
×
2 lines/
12 characters
×
4 lines
Segment display
None
None
40
60 (extended to 80)
Display duty ratio
1/8, 1/11, and
1/16
1/8, 1/11, and
1/16
1/17 and 1/33
1/17 and 1/33
CGROM
9,920 bits
(208 5-
×-8 dot
characters and
32 5-
×-10 dot
characters)
7,200 bits
(160 5-
×-7 dot
characters and
32 5-
×-10 dot
characters)
9,600 bits
(240 5-
×-8 dot
characters)
9,600 bits
(240 5-
×-8 dot
characters)
CGRAM
64 bytes
64 bytes
64 bytes
64 bytes
DDRAM
80 bytes
80 bytes
80 bytes
80 bytes
SEGRAM
None
None
8 bytes
16 bytes
Segment signals
40
100
40
60
Common signals
16
16
33
34
Liquid crystal drive
waveform
AB
B
B
Clock source
External resistor
or external clock
External resistor
or external clock
External resistor
or external clock
External resistor
or external clock
Rf oscillation frequency
270 kHz
± 30%
320 kHz
± 30%
270 kHz
± 30%
270 kHz
± 30%
Liquid crystal voltage
booster circuit
None
None
Double or triple
booster circuit
Double or triple
booster circuit
Liquid crystal drive
operational amplifier
None
None
None
None
Bleeder-resistor for liquid
crystal drive
External
External
External
External
Liquid crystal contrast
adjuster
None
None
None
None
Key scan circuit
None
None
None
None
Extension driver control
signal
Independent
control signal
Independent
control signal
Used in common
with a driver
output pin
Independent
control signal
Reset function
Internal reset
circuit
Internal reset
circuit
Internal reset
circuit
Internal reset
circuit or reset input
Horizontal smooth scroll
Impossible
Impossible
Dot unit
Dot unit and
line unit
Vertical smooth scroll
Impossible
Impossible
Impossible
Impossible
Number of displayed lines 1 or 2
1 or 2
1, 2, or 4
1, 2, or 4
Low power control
None
None
Low power mode
Low power mode
Bus interface
4 or 8 bits
4 or 8 bits
4 or 8 bits
Serial, 4, or 8 bits
Package
80-pin QFP1420
80-pin TQFP1414
80-pin bare chip
144-pin FQFP2020
144-pin bare chip
100-pin QFP1420
100-pin TQFP1414
100-pin bare chip
128-pin TCP
128-pin bare chip


Similar Part No. - HD66727

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66724 HITACHI-HD66724 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
HD66724 HITACHI-HD66724 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
HD66725 HITACHI-HD66725 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
HD66725 HITACHI-HD66725 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
HD66725 HITACHI-HD66725 Datasheet
813Kb / 95P
   112 x 80-dot Graphics LCD Controller/Driver
More results

Similar Description - HD66727

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
logo
New Japan Radio
NJU6475B NJRC-NJU6475B Datasheet
2Mb / 45P
   12-Character 4-Line Dot Matrix Low Power LCD Controller Driver with key Scan Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com