Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4042AGBHN Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMH4042AGBHN
Description  Distributed Power Hot-Swap Controller for CompactPCI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042AGBHN Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMH4042AGBHN Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4042AGBHN Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4042AGBHN Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042AGBHN Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042AGBHN Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042AGBHN Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042AGBHN Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4042AGBHN Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4042AGBHN Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
2070
9.1 5/27/03
SMH4042A
SUMMIT MICROELECTRONICS, Inc.
7
Figure 1. Card Insertion Timing Diagram
Table 1. Card Insertion Timing
2037 Table01 2.0
l
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
D.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
D
P
T
V
V
P
I
R
T
t
u
p
n
I
e
g
a
t
l
o
V
t
s
o
H
,
y
a
l
e
D
n
w
o
D
r
e
w
o
P
o
t1
5
s
µ
t
R
T
V
V
P
I
R
T
t
u
p
n
I
e
g
a
t
l
o
V
d
r
a
C
,
y
a
l
e
D
t
u
p
t
u
O
t
e
s
e
R
o
t1
5
s
µ
t
R
P
L
R
P
#
T
S
R
_
I
C
P
_
L
A
C
O
L
o
t
#
T
S
R
_
I
C
P
1
.
01
s
µ
V
D
I
L
A
V
R
d
i
l
a
V
t
u
p
t
u
O
t
e
s
e
R
l
a
c
o
L1
V
t
W
E
L
S
e
t
a
R
w
e
l
S
0
5
2s
/
V
t
E
S
H
r
e
t
l
i
F
e
s
i
o
N
L
E
S
_
D
B
,
y
a
l
e
D
n
O
r
e
w
o
P
o
t
#
L
E
S
_
D
B0
0
10
5
10
0
2s
m
t
T
S
R
U
P
t
u
o
e
m
i
T
t
e
s
e
R0
0
10
5
10
0
2s
m
t
H
C
T
I
L
G
h
t
d
i
W
e
s
l
u
P
t
c
e
j
e
R
h
c
t
i
l
G
0
4s
n
t
F
C
O
#
t
l
u
a
F
o
t
t
n
e
r
r
u
C
-
r
e
v
O
1s
µ
t
G
V
C
O
f
f
O
E
T
A
G
V
o
t
t
n
e
r
r
u
C
-
r
e
v
O
1s
µ
t
C
T
B
C
p
u
r
e
w
o
P
,
t
n
a
t
s
n
o
C
e
m
i
T
r
e
k
a
e
r
B
t
i
u
c
r
i
C
4s
µ
g
n
i
t
a
r
e
p
O
,
t
n
a
t
s
n
o
C
e
m
i
T
r
e
k
a
e
r
B
t
i
u
c
r
i
C
6
1s
µ
VCC &
HST_3V_MON
LOCAL_PCI_RST#
BD_SEL1# &
BD_SEL2#
VGATE3 &
VGATE5
DRVREN#
CARD_3V_MON &
CARD_5V_MON
HEALTHY#
VRVALID
VTRIP
RESET
VTRIP
tHSE
tSLEW
VOHVG
tPURST
SGNL_VLD#
2070 Fig01


Similar Part No. - SMH4042AGBHN

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGM SUMMIT-SMH4042G-AGM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGN SUMMIT-SMH4042G-AGN Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHM SUMMIT-SMH4042G-AHM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHN SUMMIT-SMH4042G-AHN Datasheet
225Kb / 28P
   Hot Swap??Controller
More results

Similar Description - SMH4042AGBHN

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com