Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

489D155X025B32V Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 489D155X025B32V
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D155X025B32V Datasheet(HTML) 3 Page - Vishay Siliconix

  489D155X025B32V Datasheet HTML 1Page - Vishay Siliconix 489D155X025B32V Datasheet HTML 2Page - Vishay Siliconix 489D155X025B32V Datasheet HTML 3Page - Vishay Siliconix 489D155X025B32V Datasheet HTML 4Page - Vishay Siliconix 489D155X025B32V Datasheet HTML 5Page - Vishay Siliconix 489D155X025B32V Datasheet HTML 6Page - Vishay Siliconix 489D155X025B32V Datasheet HTML 7Page - Vishay Siliconix 489D155X025B32V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
107
489D, 499D
Vishay Sprague
Document Number 42070
Revision 02-Aug-02
For technical questions, contact eurotant@vishay.com
STANDARD RATINGS
CASE
CODE
TYPE
PART NUMBER
489D
MAX. DCL
@ + 25
°C
(
µA)
489D, 499D
MAX. DF, 100 Hz
@ + 25
°
(%)
499D
MAX. DCL
@ + 25
°C
(%)
CR
(
µF)
CASE CODE
A
B
C
D
E
F
H
M
N
R
BULK
500
100
AMMOPACK
2500
2000
1500
500
REEL PACK
2500
2000
1500
500
U
R= 6.3 Volt @ + 85 °C, Surge = 8 V
U
C = 4 V @ + 125 °C, Surge = 5.2 V (only 499D)
U
R= 10 Volt @ + 85 °C, Surge = 13 V
U
C = 7 V @ + 125 °C, Surge = 8.6 V (only 499D)
489D
Type part number 489D, 499D
(*)
Insert 0 for ± 20% tolerance or 9 for ± 10%
_ _
Case code/lead style see case code table
6.8
A
489D685X(*)003A_ _
1.0
0.5
6
10.0
B
489D106X(*)003B_ _
1.0
0.5
8
15.0
B
489D156X(*)003B_ _
1.0
0.5
8
22.0
C
489D226X(*)003C_ _
1.0
0.5
8
33.0
C
489D336X(*)003C_ _
1.4
0.7
8
47.0
D
489D476X(*)003D_ _
2.1
1.1
8
68.0
D
489D686X(*)003D_ _
3.0
1.6
8
100.0
E
489D107X(*)003E_ _
4.5
2.4
10
150.0
H
489D157X(*)003H_ _
6.7
3.6
10
220.0
M
489D227X(*)003M_ _
9.9
5.2
10
330.0
N
489D337X(*)003N_ _
14.8
7.9
10
470.0
N
489D477X(*)003N_ _
21.1
11.2
12
680.0
R
489D687X(*)003R_ _
30.6
16.3
12
4.7
A
489D475X(*)6R3A_ _
1.0
0.5
6
6.8
A
489D685X(*)6R3A_ _
1.0
0.5
6
10.0
B
489D106X(*)6R3B_ _
1.0
0.5
8
15.0
B
489D156X(*)6R3B_ _
1.4
0.7
8
22.0
C
489D226X(*)6R3C_ _
2.0
1.1
8
33.0
C
489D336X(*)6R3C_ _
3.1
1.6
8
47.0
D
489D476X(*)6R3D_ _
4.4
2.3
8
68.0
D
489D686X(*)6R3D_ _
6.4
3.4
8
100.0
E
489D107X(*)6R3E_ _
9.4
5.0
10
150.0
M
489D157X(*)6R3M_ _
14.1
7.5
10
220.0
M
489D227X(*)6R3M_ _
20.7
11.0
10
330.0
N
489D337X(*)6R3N_ _
31.1
16.6
10
470.0
R
489D477X(*)6R3R_ _
44.4
23.6
12
680.0
R
489D687X(*)6R3R_ _
64.2
34.2
12
3.3
A
489D335X(*)010A_ _
1.0
0.5
6
4.7
A
489D475X(*)010A_ _
1.0
0.5
6
6.8
B
489D685X(*)010B_ _
1.0
0.5
6
10.0
B
489D106X(*)010B_ _
1.5
0.8
8
15.0
C
489D156X(*)010C_ _
2.2
1.2
8
22.0
C
489D226X(*)010C_ _
3.3
1.7
8
33.0
D
489D336X(*)010D_ _
4.9
2.6
8
47.0
D
489D476X(*)010D_ _
7.0
3.7
8
68.0
E
489D686X(*)010E_ _
10.2
5.4
8
100.0
M
489D107X(*)010M_ _
15.0
8.0
10
150.0
M
489D157X(*)010M_ _
22.5
12.0
10
220.0
N
489D227X(*)010N_ _
33.0
17.6
10
330.0
R
489D337X(*)010R_ _
49.5
26.4
10
U
R= 3 Volt @ + 85 °C, Surge = 4 V
U
C = 2 V @ + 125 °C, Surge = 2.6 V (only 499D)
PACKAGING QUANTITIES
Resin-Coated, Radial-Leaded
Solid Tantalum Capacitors


Similar Part No. - 489D155X025B32V

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
489D VISHAY-489D Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D VISHAY-489D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D686X06R3D1A VISHAY-489D686X06R3D1A Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
More results

Similar Description - 489D155X025B32V

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
RCD COMPONENTS INC.
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
Vishay Siliconix
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX짰 Capacitors, Resin-Coated, Radial-Lead
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz