Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8515503RA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8515503RA
Description  HIGH-PERFORMANCE IMPACT PAL CIRCUITS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-8515503RA Datasheet(HTML) 10 Page - Texas Instruments

Back Button 5962-8515503RA Datasheet HTML 6Page - Texas Instruments 5962-8515503RA Datasheet HTML 7Page - Texas Instruments 5962-8515503RA Datasheet HTML 8Page - Texas Instruments 5962-8515503RA Datasheet HTML 9Page - Texas Instruments 5962-8515503RA Datasheet HTML 10Page - Texas Instruments 5962-8515503RA Datasheet HTML 11Page - Texas Instruments 5962-8515503RA Datasheet HTML 12Page - Texas Instruments 5962-8515503RA Datasheet HTML 13Page - Texas Instruments 5962-8515503RA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TIBPAL 16L8-15C, TIBPAL 16R4-15C, TIBPAL 16R6-15C, TIBPAL 16R8-15C
HIGH-PERFORMANCE IMPACT
™ PAL® CIRCUITS
SRPS019A – FEBRUARY 1984 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = –18 mA
–1.5
V
VOH
VCC = 4.75 V,
IOH = –3.2 mA
2.4
3.3
V
VOL
VCC = 4.75 V,
IOL = 24 mA
0.35
0.5
V
IOZH
Outputs
VCC = 5 25 V
VO =2 7V
20
µA
IOZH
I/O ports
VCC = 5.25 V,
VO = 2.7 V
100
µA
IOZL
Outputs
VCC = 5 25 V
VO =0 4V
–20
µA
IOZL
I/O ports
VCC = 5.25 V,
VO = 0.4 V
–250
µA
II
VCC = 5.25 V,
VI = 5.5 V
0.1
mA
IIH
VCC = 5.25 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.25 V,
VI = 0.4 V
–0.2
mA
IO‡
VCC = 5.25 V,
VO = 2.25 V
–30
–125
mA
ICC
VCC = 5.25 V,
VI = 0,
Outputs open
140
180
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one-half of the short-circuit output current, IOS.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
fmax
50
MHz
tpd
I, I/O
O, I/O
10
15
ns
tpd
CLK
Q
R1 = 500
Ω,
8
12
ns
ten
OE
Q
R1
500
Ω,
R2 = 500
Ω,
SFi
8
12
ns
tdis
OE
Q
See Figure 3
7
10
ns
ten
I, I/O
O, I/O
10
15
ns
tdis
I, I/O
O, I/O
10
15
ns
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - 5962-8515503RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8515503RA TI1-5962-8515503RA Datasheet
493Kb / 24P
[Old version datasheet]   HIGH-PERFFORMANCE IMPACT
More results

Similar Description - 5962-8515503RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20R3 TI-TIBPAL20R3 Datasheet
922Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com