Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM514262-70 Datasheet(PDF) 36 Page - OKI electronic componets

Part # MSM514262-70
Description  262,144-Word x 4-Bit Multiport DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262-70 Datasheet(HTML) 36 Page - OKI electronic componets

Back Button MSM514262-70 Datasheet HTML 32Page - OKI electronic componets MSM514262-70 Datasheet HTML 33Page - OKI electronic componets MSM514262-70 Datasheet HTML 34Page - OKI electronic componets MSM514262-70 Datasheet HTML 35Page - OKI electronic componets MSM514262-70 Datasheet HTML 36Page - OKI electronic componets MSM514262-70 Datasheet HTML 37Page - OKI electronic componets MSM514262-70 Datasheet HTML 38Page - OKI electronic componets MSM514262-70 Datasheet HTML 39Page - OKI electronic componets MSM514262-70 Datasheet HTML 40Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
¡ Semiconductor
MSM514262
36/45
OPERATION MODES
Table-1 shows the function truth table for a listing of all available RAM ports and transfer
operation of MSM514262.
The RAM port and data transfer operations are determined by the state of CAS, DT/OE, WB/
WE, SE and DSF at the falling edge of RAS and by the level of DSF at the falling edge of CAS.
Table-1. Function Truth Table
If the DSF is 'high" at the falling edge of RAS, special functions such as split transfer, flash write,
and load/read color register can be invoked. If the DSF is "low" at the falling edge of RAS and
"high" at the falling edge of CAS, the block write feature can be invoked.
If the DSF is "low" at the falling edge of RAS and CAS, only the conventional multiport DRAM
operating feature can be invoked.
RASØ
CAS DT/OE WB/WE DSF SE
CASØ
DSF
ADDRESS
RASØ CASØ
W/IO
RASØ CASØ CAS/WEØ
Write
Mask
Register
WM Color
Function
0*
**
*
10
00
0
10
00
1
10
01
*
10
10
*
10
11
*
11
00
*
11
00
*
11
01
*
11
10
*
11
10
*
11
11
*
*
*
*
*
*
0
1
*
0
1
*
*
Row
Row
Row
Row
Row
Row
Row
Row
Row
Row
Row
TAP
TAP
TAP
TAP
TAP
Column
*
Column
*
*
WM1
*
WM1
*
*
WM1
WM1
WM1
*
*
*
*
*
*
*
*
*
*
*
*
Din
*
Din
Color
WM1
WM1
WM1
WM1
WM1
Use
Use
Use
Load
C.B.R Refresh
Masked Write Transfer
Pseudo Write Transfer
Split Write Transfer
Read Transfer
Split Read Transfer
Write per Bit
Masked Block Write
Masked Flash Write
Read Write
Block Write
Load Color Register
Column
A2c-8c
Column
Select
Column
A2c-8c
Column
Select
Load
Use
Load
Use
Load
Use
Load
Use
Load
Use


Similar Part No. - MSM514262-70

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260CSL OKI-MSM514260CSL Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514262-70

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
   262,144-Word x 8-Bit Multiport DRAM
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416282 OKI-MSM5416282 Datasheet
367Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM548263 OKI-MSM548263 Datasheet
392Kb / 40P
   262,144-Word x 8-Bit Multiport DRAM
MSM54V16283 OKI-MSM54V16283 Datasheet
389Kb / 42P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416263 OKI-MSM5416263 Datasheet
359Kb / 40P
   262,144-Word x 16-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com