Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4042A Datasheet(PDF) 19 Page - Summit Microelectronics, Inc.

Part # SMH4042A
Description  Distributed Power Hot-Swap Controller for CompactPCI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042A Datasheet(HTML) 19 Page - Summit Microelectronics, Inc.

Back Button SMH4042A Datasheet HTML 15Page - Summit Microelectronics, Inc. SMH4042A Datasheet HTML 16Page - Summit Microelectronics, Inc. SMH4042A Datasheet HTML 17Page - Summit Microelectronics, Inc. SMH4042A Datasheet HTML 18Page - Summit Microelectronics, Inc. SMH4042A Datasheet HTML 19Page - Summit Microelectronics, Inc. SMH4042A Datasheet HTML 20Page - Summit Microelectronics, Inc. SMH4042A Datasheet HTML 21Page - Summit Microelectronics, Inc. SMH4042A Datasheet HTML 22Page - Summit Microelectronics, Inc. SMH4042A Datasheet HTML 23Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
2070
9.1 5/27/03
SMH4042A
SUMMIT MICROELECTRONICS, Inc.
19
I/O Buffers
Depending upon the application requirements there are a
number of silicon solutions that employ low on-resistance
CMOS switches. Figure 15 shows one implementation
using a QuickSwitch® from Quality Semiconductor. This
particular device exhibits very Flat RON characteristics
from 0 to 5V. The only drawback is the extra space
required for the external pull-up resistors.
Figure 16 shows another implementation, but the pull-up
resistor structure is incorporated in the switch.
The
circuit also automatically switches the bias voltage out of
the circuit as the CMOS switches are enabled. A potential
advantage is the ability to place the interface closer to the
edge of the card. The board designer should evaluate
requirements and design goals to determine the best
solution. The bus switches are available from both Texas
Instruments and Pericom Semiconductor.
Figure 15. Bus Buffers with External Pull-ups
Figure 16. Bus Buffers with Integrated Pull-ups
OE#
LMV321
2070 Fig15
An
Bn
Ax
Bx
SGNL_VLD#
1VREF
SMH4042A
IDTQS34XVH245
Early Power
ON#
LMV321
2070 Fig16
An
Bn
Ax
Bx
SGNL_VLD#
1VREF
SMH4042A
SN74CBT6800
or PI5C6800
BIASV
Early Power


Similar Part No. - SMH4042A

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGM SUMMIT-SMH4042G-AGM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGN SUMMIT-SMH4042G-AGN Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHM SUMMIT-SMH4042G-AHM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHN SUMMIT-SMH4042G-AHN Datasheet
225Kb / 28P
   Hot Swap??Controller
More results

Similar Description - SMH4042A

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com