Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

489D475X016B20V Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. 489D475X016B20V
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D475X016B20V Datasheet(HTML) 2 Page - Vishay Siliconix

  489D475X016B20V Datasheet HTML 1Page - Vishay Siliconix 489D475X016B20V Datasheet HTML 2Page - Vishay Siliconix 489D475X016B20V Datasheet HTML 3Page - Vishay Siliconix 489D475X016B20V Datasheet HTML 4Page - Vishay Siliconix 489D475X016B20V Datasheet HTML 5Page - Vishay Siliconix 489D475X016B20V Datasheet HTML 6Page - Vishay Siliconix 489D475X016B20V Datasheet HTML 7Page - Vishay Siliconix 489D475X016B20V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
489D, 499D
Vishay Sprague
Document Number 42070
Revision 02-Aug-02
106
For technical questions, contact eurotant@vishay.com
CR
RATED VOLTAGE UR @ + 85°C
LEAD STYLE
µF
3.0V
6.3V
10V
16V
20V
25V
35V
50V
BULK
AMMO/REEL
0.10
AA
0.15
AA
0.22
AA
0.33
AB
0.47
AB
1 - 2
0.68
BC
6 - 9
2 - 6
1.0
AB
D
1.5
A
B
C
E
2.2
A
B
B
C
F
3.3
A
B
C
C
D
F
4.7
A
A
B
C
C
D
H
6.8
A
A
B
C
D
D
E
N
10
B
B
B
C
D
D
F
N
3 - 4 - 9
4
15
B
B
C
D
E
E
M
N
22
C
C
C
D
F
H
M
N
33
C
C
D
E
H
M
N
47
D
D
D
F
M
M
N
68
D
D
EM
N
N
100
E
E
M
N
N
150
H
M
M
N
220
M
M
N
R
330
N
N
R
470
N
R
680
R
R
STANDARD RATINGS, CASE CODES AND LEAD STYLE
LEAD STYLES
LEAD STYLE 1:
Straight leads,
2.5mm Lead Space,
Uneven Length
LEAD STYLE 3:
Straight leads,
5mm Lead Space,
Uneven Length
LEAD STYLE 2:
Straight leads,
2.5mm Lead Space,
Even Length
LEAD STYLE 4:
Straight leads,
5mm Lead Space,
Even Length
LEAD STYLE 6:
Shouldered leads,
5mm Lead Space
LEAD STYLE 9:
Snap-In leads,
5mm Lead Space
Resin-Coated, Radial-Leaded
Solid Tantalum Capacitors


Similar Part No. - 489D475X016B20V

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
More results

Similar Description - 489D475X016B20V

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
RCD COMPONENTS INC.
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
Vishay Siliconix
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX짰 Capacitors, Resin-Coated, Radial-Lead
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz