Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1421103 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1421103
Description  Protective covers - HC-STA-B24-DC-PL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1421103 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1421103 Datasheet HTML 1Page - PHOENIX CONTACT 1421103 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1421103
12/24/2018   Page 1 / 2
Protective covers - HC-STA-B24-DC-PL - 1421103
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Protective covers, type: B24, degree of protection: IP20, color: transparent/white
Key Commercial Data
Packing unit
5 pc
Minimum order quantity
5 pc
GTIN
GTIN
4055626251837
Technical data
Dimensions
Height
22.1 mm
Width
46.4 mm
Length
123.2 mm
Ambient conditions
Degree of protection of housing (IP)
IP20
Ambient temperature (operation)
0 °C ... 20 °C
General
Size
B24
Housing type
Protective cover
Color
transparent
Locking type
Clip locking
Material, protective cover
PA
Flammability rating according to UL 94
HB
Standards and Regulations
Flammability rating according to UL 94
HB


Similar Part No. - 1421103

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
142110 HAMMOND-142110 Datasheet
60Kb / 1P
   Vis a tete fraisee 10-32 avec rondelles a collerette en acier pour bati
logo
PHOENIX CONTACT
1421100 PHOENIX-1421100 Datasheet
60Kb / 2P
   Protective covers - HC-STA-B06-DC-PL
1421101 PHOENIX-1421101 Datasheet
59Kb / 2P
   Protective covers - HC-STA-B10-DC-PL
1421102 PHOENIX-1421102 Datasheet
60Kb / 2P
   Protective covers - HC-STA-B16-DC-PL
More results

Similar Description - 1421103

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1421101 PHOENIX-1421101 Datasheet
59Kb / 2P
   Protective covers - HC-STA-B10-DC-PL
1421102 PHOENIX-1421102 Datasheet
60Kb / 2P
   Protective covers - HC-STA-B16-DC-PL
1421100 PHOENIX-1421100 Datasheet
60Kb / 2P
   Protective covers - HC-STA-B06-DC-PL
1424375 PHOENIX-1424375 Datasheet
67Kb / 3P
   Protective covers - HC-STA-D15-HCLWS-PL-BK
1419275 PHOENIX-1419275 Datasheet
64Kb / 3P
   Protective covers - HC-STA-D07-HCLWS-PL-BK
1419273 PHOENIX-1419273 Datasheet
61Kb / 3P
   Protective covers - HC-STA-D07-BCSFS-PL-BK
1424400 PHOENIX-1424400 Datasheet
67Kb / 3P
   Protective covers - HC-STA-D25-HCLWS-PL-BK
1419271 PHOENIX-1419271 Datasheet
62Kb / 3P
   Protective covers - HC-STA-D07-BCLFS-PL-BK
1414637 PHOENIX-1414637 Datasheet
64Kb / 2P
   Protective covers - HC-B24-HCLWS-PLR-BK
1414630 PHOENIX-1414630 Datasheet
52Kb / 2P
   Protective covers - HC-B24-BCSFD-P-BK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com