Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1421101 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1421101
Description  Protective covers - HC-STA-B10-DC-PL
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1421101 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1421101 Datasheet HTML 1Page - PHOENIX CONTACT 1421101 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1421101
12/24/2018   Page 1 / 2
Protective covers - HC-STA-B10-DC-PL - 1421101
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Protective covers, type: B10, degree of protection: IP20, color: transparent/white
Key Commercial Data
Packing unit
5 pc
Minimum order quantity
5 pc
GTIN
GTIN
4055626251813
Technical data
Dimensions
Height
22.1 mm
Width
46.4 mm
Length
76.6 mm
Ambient conditions
Degree of protection of housing (IP)
IP20
Ambient temperature (operation)
0 °C ... 20 °C
General
Size
B10
Housing type
Protective cover
Color
transparent
Locking type
Clip locking
Material, protective cover
PA
Flammability rating according to UL 94
HB
Standards and Regulations
Flammability rating according to UL 94
HB


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn