Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48LF120D Datasheet(PDF) 5 Page - International Rectifier

Part # 48LF120D
Description  STANDARD RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

48LF120D Datasheet(HTML) 5 Page - International Rectifier

  48LF120D Datasheet HTML 1Page - International Rectifier 48LF120D Datasheet HTML 2Page - International Rectifier 48LF120D Datasheet HTML 3Page - International Rectifier 48LF120D Datasheet HTML 4Page - International Rectifier 48LF120D Datasheet HTML 5Page - International Rectifier 48LF120D Datasheet HTML 6Page - International Rectifier 48LF120D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
45L(R)..D Series
5
www.irf.com
Bulletin I2030 rev. A 11/94
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
All dimensions in millimeters (inches)
47LF
IR Case Style B52
Flat Base
140
150
160
170
180
190
200
0
20
40
60
80
100 120 140 160
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
45L(R)..D Series
R
(DC) = 0.25 K/W
thJC
140
150
160
170
180
190
200
0
50
100
150
200
250
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
45L(R)..D Series
R
(DC) = 0.25 K/W
thJC
60 (2.36)
24
(0.94)
48 (1.88)
7 (0.27)
FULL RAD.
Spring Clamp
41 (1.61)
24
(0.94)
2.4
(0.09)
DIA. 11.25 (044)
9 (0.35) ±
0.1 (0.004)
DIA.
5.5 (0.21) DIA.
16
(0.62)
33 (1.29)
6
(0.23)
Pinch Bolt
DIA. 11.15 (0.44) MAX.
GLASS-METAL SEAL


Similar Part No. - 48LF120D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
48L512 MICROCHIP-48L512 Datasheet
872Kb / 40P
   512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
48L512T-I/SN MICROCHIP-48L512T-I/SN Datasheet
872Kb / 40P
   512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
48LM01 MICROCHIP-48LM01 Datasheet
872Kb / 40P
   512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
48LM01-I/SM MICROCHIP-48LM01-I/SM Datasheet
872Kb / 40P
   512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
More results

Similar Description - 48LF120D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com