Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-FL7670XX Datasheet(PDF) 2 Page - BetLux Electronics

Part No. BL-FL7670XX
Description  SUPER FLUX LED LAMP, 4PIN LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-FL7670XX Datasheet(HTML) 2 Page - BetLux Electronics

  BL-FL7670XX Datasheet HTML 1Page - BetLux Electronics BL-FL7670XX Datasheet HTML 2Page - BetLux Electronics BL-FL7670XX Datasheet HTML 3Page - BetLux Electronics BL-FL7670XX Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPER FLUX LED LAMP, 4PIN LED
BL-FL7670xx
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-FL7670XX

ManufacturerPart No.DatasheetDescription
BetLux Electronics
BetLux Electronics
BL-FL7670 BETLUX-BL-FL7670 Datasheet
305Kb / 4P
   7.62*7.62*4.0MM, 3MM ROUND SUPER FLUX LED LAMP
BL-FL7670BGC BETLUX-BL-FL7670BGC Datasheet
76Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7670PGC BETLUX-BL-FL7670PGC Datasheet
76Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7670UBC BETLUX-BL-FL7670UBC Datasheet
76Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7670UEC BETLUX-BL-FL7670UEC Datasheet
76Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
More results

Similar Description - BL-FL7670XX

ManufacturerPart No.DatasheetDescription
BetLux Electronics
BetLux Electronics
BL-FL7615URC BETLUX-BL-FL7615URC Datasheet
67Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7600URC BETLUX-BL-FL7600URC Datasheet
68Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7680URC BETLUX-BL-FL7680URC Datasheet
219Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7680XX BETLUX-BL-FL7680XX Datasheet
510Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7660XX BETLUX-BL-FL7660XX Datasheet
300Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7660URC BETLUX-BL-FL7660URC Datasheet
76Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7680RGBC BETLUX-BL-FL7680RGBC Datasheet
216Kb / 3P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7653XX BETLUX-BL-FL7653XX Datasheet
230Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7615XX BETLUX-BL-FL7615XX Datasheet
229Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
BL-FL7600XX BETLUX-BL-FL7600XX Datasheet
229Kb / 4P
   SUPER FLUX LED LAMP, 4PIN LED
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz