Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BL-FL7680XX Datasheet(PDF) 2 Page - BetLux Electronics

Part No. BL-FL7680XX
Description  SUPER FLUX LED LAMP, 4PIN LED
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BETLUX [BetLux Electronics]
Homepage  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-FL7680XX Datasheet(HTML) 2 Page - BetLux Electronics

  BL-FL7680XX Datasheet HTML 1Page - BetLux Electronics BL-FL7680XX Datasheet HTML 2Page - BetLux Electronics BL-FL7680XX Datasheet HTML 3Page - BetLux Electronics BL-FL7680XX Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPER FLUX LED LAMP, 4PIN LED
BL-FL7680xx
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn