Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR08PN Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BCR08PN
Description  SMD Digital NPN/PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCR08PN Datasheet(HTML) 2 Page - Diotec Semiconductor

  BCR08PN Datasheet HTML 1Page - Diotec Semiconductor BCR08PN Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCR08PN
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis
VCE = 5 V
IC = 5 mA
T1 - NPN
T2 - PNP
hFE
70
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung
1)
IC = 10 mA
IB = 0.5 mA
T1 - NPN
T2 - PNP
VCEsat
300 mV
Input voltage (on) – Eingangsspannung (Ein)
VCE = 0.3 V
IC = 2 mA
T1 - NPN
T2 - PNP
VI(on)
500 mV
1100 mV
Input voltage (off) – Eingangs-Spannung (Aus)
VCE = 5 V
IC = 100 µA
T1 - NPN
T2 - PNP
VI(off)
400 mV
800 mV
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 40 V
E open
T1 - NPN
T2 - PNP
ICBO
100 nA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
VEB = 5 V
C open
T1 - NPN
T2 - PNP
IEBO
164 µA
Gain-Bandwidth Product – Transitfrequenz
VCE = 5 V
IC = 10 mA, f = 100 MHz
T1 - NPN
T2 - PNP
fT
170 Mhz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 10 V
IE =ie = 0, f = 1 MHz
T1 - NPN
T2 - PNP
CCBO
2 pF
Input resistor – Eingangswiderstand
R1
1.5 kΩ
2.2 kΩ
2.9 kΩ
Resistance ratio – Widerstandsverhältnis
R2/R1
0.042
0.047
0.052
Typical thermal resistance junction to ambient (per device)
Typischer Wärmewiderstand Sperrschicht – Umgebung (pro Bauteil)
RthA
420 K/W
2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 3 mm
2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
2
Verlustleistung in Abh. von d. Umgebungstemp. )
2


Similar Part No. - BCR08PN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR08PN SIEMENS-BCR08PN Datasheet
63Kb / 5P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
logo
Infineon Technologies A...
BCR08PN INFINEON-BCR08PN Datasheet
52Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR08PN INFINEON-BCR08PN Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR08PN INFINEON-BCR08PN Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR08PN INFINEON-BCR08PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
More results

Similar Description - BCR08PN

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBTRA101SS DIOTEC-MMBTRA101SS Datasheet
157Kb / 2P
   SMD Digital PNP Transistors
MMBTRA101SS DIOTEC-MMBTRA101SS_1 Datasheet
167Kb / 2P
   SMD Digital PNP Transistors
MMBTRC110SS DIOTEC-MMBTRC110SS Datasheet
139Kb / 2P
   SMD Digital NPN Transistors
logo
Jiangsu Changjiang Elec...
EMD12 JIANGSU-EMD12 Datasheet
5Mb / 6P
   Dual Digital Transistors (NPNPNP)
logo
Shenzhen Jin Yu Semicon...
EMD9 HTSEMI-EMD9 Datasheet
627Kb / 2P
   dual digital transistors (NPN PNP)
logo
Micro Commercial Compon...
UMC5N MCC-UMC5N Datasheet
453Kb / 5P
   NPNPNP DUAL DIGITAL TRANSISTORS
logo
SeCoS Halbleitertechnol...
UMD6N SECOS-UMD6N Datasheet
130Kb / 2P
   Dual NPNPNP Digital Transistors
logo
Jiangsu Changjiang Elec...
EMD6 JIANGSU-EMD6 Datasheet
7Mb / 5P
   Dual Digital Transistors (NPNPNP)
EMD22 JIANGSU-EMD22 Datasheet
4Mb / 4P
   Dual Digital Transistors (NPNPNP)
EMD10 JIANGSU-EMD10 Datasheet
4Mb / 4P
   Dual Digital Transistors (NPNPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com