![]() |
Electronic Components Datasheet Search |
|
489D106X6R3B8V Datasheet(PDF) 7 Page - Vishay Siliconix |
|
489D106X6R3B8V Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 8 page ![]() www.vishay.com 111 489D, 499D Vishay Sprague Document Number 42070 Revision 02-Aug-02 For technical questions, contact eurotant@vishay.com GUIDE TO APPLICATION 1. AC ripple current: The maximum allowable ripple current shall be determined from the formula: Irms = where 2. AC ripple current: The maximum allowable ripple voltage shall be determined from the formula : Vrms = x Z , where 3. AC ripple current or voltage derating factor: If these capacitors are to be operated at temperatures above +25°C, the permissible rms ripple current or voltage shall be calculated using the derating factors in the table below: 4. Power dissipation: Power dissipation will be affected by the heat sinking capability of the mounting surface. Non-sinusoidal ripple current may produce heating effects which differ from those shown in the following table. It is important that the equivalent I RMS value be established when calculating permissible operating levels. TEMPERATURE DERATING FACTOR + 25°C 1.0 + 55°C 0.9 + 85°C 0.8 + 125°C. 0.4 CASE POWER DISSIPATION CODE @ + 25 °C (Watts) A 0.080 B 0.090 C 0.100 D 0.110 E 0.120 F 0.130 H 0.140 M 0.150 N 0.160 R 0.180 5. Cleaning: These capacitors are compatible with all commonly used solvents, such as TES, TMS, Prelete and Chloretane. Solvents containing methylene chloride or other epoxy solvents should be avoided since these will attack the epoxy encapsulation material. P = Power Dissipation in Watts at + 25°C as given below R ESR = The capacitor Equivalent Series Resistance at the specified frequency. Z = The capacitor Impedance at the specified frequency. P R ESR P R ESR Resin-Coated, Radial-Leaded Solid Tantalum Capacitors |
Similar Part No. - 489D106X6R3B8V |
|
Similar Description - 489D106X6R3B8V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |