![]() |
Electronic Components Datasheet Search |
|
489D106X6R3B8V Datasheet(PDF) 6 Page - Vishay Siliconix |
|
489D106X6R3B8V Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 8 page ![]() www.vishay.com 489D, 499D Vishay Sprague Document Number 42070 Revision 02-Aug-02 110 For technical questions, contact eurotant@vishay.com PERFORMANCE CHARACTERISTICS 1. Operating Temperature: - 55°C to + 85°C with rated DC voltage U R applied. + 85°C to + 125°C with linear voltage derating to category voltage U C for 499D only (see general information) 2. Capacitance and Tolerance: Capacitance measured at 100Hz and + 25°C shall be within the specified tolerance limits of the nominal rating. Capacitance measurement shall be made by means of a polarized capacitance bridge. No polarizing voltage is required. The maximum voltage applied during measurements shall be 0.5 volt rms at 100 Hz and + 25°C. 3. Reverse Voltage: These capacitors are capable of withstanding peak voltage in the reverse direction equal to: 15% of the rated DC voltage at + 20°C 10% of the rated DC voltage at + 25°C 5% of the rated DC voltage at + 85°C 4. Surge Voltage: DC rated voltage at + 85°C (V) 3 6.3 10 16 20 25 35 50 DC surge voltage at + 85°C (V) 4 8 13 20 26 32 46 65 DC rated voltage at + 125°C. (V)* 2 4 7 10 13 17 23 33 DC surge voltage at + 125°C. (V)* 2.6 5.2 8.6 13 16 21 28 40 Capacitors shall withstand the surge voltage applied in series with a 1000 ohm (± 5%) resistor, at the rate of one half-minute on, five and a half-minute off for 1000 successive test cycles at + 85°C. After test, capacitance change shall not exceed 10% of initial value, dissipation factor and DC leakage current shall meet initial requirements at + 25°C - Table 2. 5. Stability at low and high temperatures: TEMP. CAPACITANCE CHANGE DC LEAKAGE CURRENT* - 55°C- 10% of initial value ----------- + 25°C ------------- 0.015 C R x UR or 1µA, whichever is greater + 85°C+ 10% of initial value 0.15 C R x UR or 10µA, whichever is greater 6. Life Test: After 2000 hours at + 85°C with rated DC voltage applied, or after 1000 hours at + 125°C. with derated DC voltage*, capacitors shall meet the requirements in table below. (*only for 499D) 7. Humidity Test: After 21 days (504 hours) * at + 40°C, 90 to 95% of relative humidity (per IEC 68-2-3) with no voltage applied, capacitors shall meet the requirements in table below. * Humidity test is 56 days (1350 hours) for 499D 8. Marking : The capacitors shall be marked with the rated capacitance and the rated DC working voltage. A code may be used for both capacitance and voltage. Units rated at 6.3 volts are usually marked as 6 volts. The package shall be marked with full Vishay Sprague part number, date code and quantity. TEMP. CAPACITANCE CHANGE DC LEAKAGE CURRENT* - 55°C- 10% of initial value ------------- + 25°C ------------ 0.008 CR x UR or 0.5µA, whichever is greater + 85°C+ 10% of initial value 0.08 C R x UR or 5µA, whichever is greater + 125°C** + 10% of initial value 0.1 C R x UR or 6.25µA, whichever is greater Capacitance change Within ± 10% of initial value DC leakage current Within initial requirements at + 25°C Dissipation factor Within initial requirements at + 25°C Capacitance change Within ± 5% of initial value DC leakage current Within initial requirements at + 25°C - Table 2 Dissipation factor Within initial requirements at + 25°C - Table 2 489D - Table 2A 499D - Table 2B DISSIPATION FACTOR @ 100 HZ C R ≤ 1.5µF 4% max 1.5µF < C R < 10µF 6% max 10µF < C R < 100µF 8% max 100µF ≤ C R ≤ 330µF 10% max 330µF < C R 12% max DISSIPATION FACTOR @ 100 HZ C R ≤ 1.5µF 4% max 1.5µF < C R < 10µF 6% max 10µF < C R < 100µF 8% max 100µF ≤ C R ≤ 330µF 10% max 330µF < C R 12% max * Rated voltage applied for 5 minutes with a series resistor of 1000 ohm ** Only for 499 D *For 499D Resin-Coated, Radial-Leaded Solid Tantalum Capacitors |
Similar Part No. - 489D106X6R3B8V |
|
Similar Description - 489D106X6R3B8V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |