Electronic Components Datasheet Search |
|
489D106X003B4V Datasheet(PDF) 4 Page - Vishay Siliconix |
|
489D106X003B4V Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 8 page www.vishay.com 489D, 499D Vishay Sprague Document Number 42070 Revision 02-Aug-02 108 For technical questions, contact eurotant@vishay.com STANDARD RATINGS U R= 16Volt @ + 85 °C, Surge = 20 V U C = 10 V @ + 125 °C, Surge = 13 V (only 499D) CASE CODE TYPE PART NUMBER 489D MAX. DCL @ + 25 °C ( µA) 489D, 499D MAX. DF, 100Hz @ + 25 °C (OHMS) 499D MAX. DCL @ + 25 °C ( µA) CR ( µF) U R= 20Volt @ + 85 °C, Surge = 26 V U C = 13 V @ + 125 °C, Surge = 16 V (only 499D) U R= 25 Volt @ + 85 °C, Surge = 32 V U C = 17 V @ + 125 °C, Surge = 21 V (only 499D) 489D Type part number 489D, 499D (*) Insert 0 for ± 20% tolerance or 9 for ± 10% _ _ Case code/lead style see case code table 2.2 A 489D225X(*)016A_ _ 1.0 0.5 6 3.3 B 489D335X(*)016B_ _ 1.0 0.5 6 4.7 B 489D475X(*)016B_ _ 1.1 0.6 6 6.8 C 489D685X(*)016C_ _ 1.6 0.8 6 10.0 C 489D106X(*)016C_ _ 2.4 1.2 8 15.0 D 489D156X(*)016D_ _ 3.6 1.9 8 22.0 D 489D226X(*)016D_ _ 5.2 2.8 8 33.0 E 489D336X(*)016E_ _ 7.9 4.2 8 47.0 F 489D476X(*)016F_ _ 11.2 6.0 8 68.0 M 489D686X(*)016M_ _ 16.3 8.7 8 100.0 N 489D107X(*)016N_ _ 24.0 12.8 10 150.0 N 489D157X(*)016N_ _ 36.0 19.2 10 220.0 R 489D227X(*)016R_ _ 52.8 28.1 10 1.5 A 489D155X(*)020A_ _ 1.0 0.5 4 2.2 B 489D225X(*)020B_ _ 1.0 0.5 6 3.3 C 489D335X(*)020C_ _ 1.0 0.5 6 4.7 C 489D475X(*)020C_ _ 1.4 0.7 6 6.8 D 489D685X(*)020D_ _ 2.0 1.0 6 10.0 D 489D106X(*)020D_ _ 3.0 1.6 8 15.0 E 489D156X(*)020E_ _ 4.5 2.4 8 22.0 F 489D226X(*)020F_ _ 6.6 3.5 8 33.0 H 489D336X(*)020H_ _ 9.9 5.2 8 47.0 M 489D476X(*)020M_ _ 14.1 7.5 8 68.0 N 489D686X(*)020N_ _ 20.4 10.8 8 100.0 N 489D107X(*)020N_ _ 30.0 16.0 10 1.0 A 489D105X(*)025A_ _ 1.0 0.5 4 1.5 B 489D155X(*)025B_ _ 1.0 0.5 4 2.2 B 489D225X(*)025B_ _ 1.0 0.5 6 3.3 C 489D335X(*)025C_ _ 1.2 0.6 6 4.7 C 489D475X(*)025C_ _ 1.7 0.9 6 6.8 D 489D685X(*)025D_ _ 2.5 1.3 6 10.0 D 489D106X(*)025D_ _ 3.7 2.0 8 15.0 E 489D156X(*)025E_ _ 5.6 3.0 8 22.0 H 489D226X(*)025H_ _ 8.2 4.4 8 33.0 M 489D336X(*)025M_ _ 12.3 6.6 8 47.0 M 489D476X(*)025M_ _ 17.6 9.4 8 68.0 N 489D686X(*)025N_ _ 25.5 13.6 8 Resin-Coated, Radial-Leaded Solid Tantalum Capacitors |
Similar Part No. - 489D106X003B4V |
|
Similar Description - 489D106X003B4V |