Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM514223B Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM514223B
Description  262,263-Word x 4-Bit Field Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514223B Datasheet(HTML) 2 Page - OKI electronic componets

  MSM514223B Datasheet HTML 1Page - OKI electronic componets MSM514223B Datasheet HTML 2Page - OKI electronic componets MSM514223B Datasheet HTML 3Page - OKI electronic componets MSM514223B Datasheet HTML 4Page - OKI electronic componets MSM514223B Datasheet HTML 5Page - OKI electronic componets MSM514223B Datasheet HTML 6Page - OKI electronic componets MSM514223B Datasheet HTML 7Page - OKI electronic componets MSM514223B Datasheet HTML 8Page - OKI electronic componets MSM514223B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2/14
¡ Semiconductor
MSM514223B
FEATURES
• Single power supply: 5 V
±10%
• 512 Rows ¥ 512 Column ¥ 4 bits
• Fast FIFO (First-in First-out) operation
• High speed asynchronous serial access
Read/Write cycle time
30 ns/40 ns/60 ns
Access time
25 ns/30 ns/50 ns
• Direct cascading capability
• Write mask function (Input enable control)
• Data skipping function (Output enable control)
• Self refresh (No refresh control is required)
• Package:
18-pin 300 mil plastic DIP
(DIP18-P-300-2.54-W1)
(Product : MSM514223B-xxRS)
xx indicates speed rank.
PRODUCT FAMILY
Family
Cycle Time (Min.)
Access Time (Max.)
Package
MSM514223B-30RS
30 ns
25 ns
MSM514223B-40RS
40 ns
30 ns
300 mil 18-pin DIP
MSM514223B-60RS
60 ns
50 ns


Similar Part No. - MSM514223B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-30JS OKI-MSM514221B-30JS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-30RS OKI-MSM514221B-30RS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-30ZS OKI-MSM514221B-30ZS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514221B-40JS OKI-MSM514221B-40JS Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
More results

Similar Description - MSM514223B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4223C OKI-MSM51V4223C Datasheet
200Kb / 15P
   262,263-Word 횞 4-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com