Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM514222B Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MSM514222B
Description  262,263-Word x 4-Bit Field Memory
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM514222B Datasheet(HTML) 8 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8/15
¡ Semiconductor
MSM514222B
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Input Output Voltage
Output Current
Power Dissipation
Operating Temperature
Storage Temperature
VT
IOS
PD
Topr
Tstg
at Ta = 25°C, VSS
Ta = 25°C
Ta = 25°C
–1.0 to 7.0
50
1
0 to 70
–55 to 150
Unit
V
mA
W
°C
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Unit
Typ.
Max.
Power Supply Voltage
Power Supply Voltage
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
V
V
V
V
4.5
0
2.4
–1.0
5.0
0
VCC
0
5.5
0
VCC + 1
0.8
DC Characteristics
Parameter
Symbol
Condition
Min.
Input Leakage Current
Output Leakage Current
Output "H" Level Voltage
Output "L" Level Voltage
Operating Current
Standby Current
ILI
ILO
VOH
VOL
ICC1
ICC2
Minimum Cycle Time, Output Open
–10
–10
2.4
Max.
Unit
10
10
0.4
50
45
35
10
mA
mA
V
V
mA
mA
-30
-40
-60
0 < VI < VCC + 1, Other Pins Tested at V = 0 V
0 < VO < VCC
IOH = –5 mA
IOL = 4.2 mA
Input Pin = VIH / VIL
Capacitance
Parameter
Unit
Input Capacitance (DIN, SWCK, SRCK, RSTW, RSTR, WE, RE)
Output Capacitance (DOUT)
pF
pF
CI
CO
7
7
Symbol
Max.
(Ta = 25°C, f = 1 MHz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM514223B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4221C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4222C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4223C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM514221B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
HM53051262 144 - WORD X 4-BIT FRAME MEMORY 1 2 3 4 5 MoreHitachi Semiconductor
MSM548333240 384-Word x 8-bit + 240 384-Word x 4-bit Triple Port type Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn