Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM514222B Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSM514222B
Description  262,263-Word x 4-Bit Field Memory
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM514222B Datasheet(HTML) 6 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/15
¡ Semiconductor
MSM514222B
Read Operation
The read operation is controlled by three clocks, SRCK, RSTR, and RE. Read operation is
accomplished by cycling SRCK, and holding RE high after the read address pointer reset
operation or RSTR.
Each read operation, which begins after RSTR, must contain at least 130 active read cycles, i.e.
SRCK cycles while RE is high.
Read Reset : RSTR
The first positive transition of SRCK after RSTR becomes high resets the read address counters
to zero. RSTR setup and hold times are referenced to the rising edge of SRCK. Because the read
reset function is solely controlled by the SRCK rising edge after the high level of RSTR, the states
of RE are ignored in the read reset cycle.
Before RSTR may be brought high again for a further reset operation, it must be low for at least
two SRCK cycles.
Data Out : DOUT0 - 3
Read Clock : SRCK
Data is shifted out of the data registers. It is triggered by the rising edge of SRCK when RE is high
during a read operation. The SRCK input increments the internal read address pointer when RE
is high.
The three-state output buffer provides direct TTL compatibility ( no pullup resistor required).
Data out is the same polarity as data in. The output becomes valid after the access time interval
tAC that begins with the rising edge of SRCK. There are no output valid time restriction on
MSM514222B.
Read Enable : RE
The function of RE is to gate of the SRCK clock for incrementing the read pointer. When RE is
high before the rising edge of SRCK, the read pointer is incremented. When RE is low, the read
pointer is not incremented. RE setup times (tRENS and tRDSS) and RE hold times (tRENH and
tRDSH) are referenced to the rising edge of the SRCK clock.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM514223B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4221C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4222C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4223C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM514221B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
HM53051262 144 - WORD X 4-BIT FRAME MEMORY 1 2 3 4 5 MoreHitachi Semiconductor
MSM548333240 384-Word x 8-bit + 240 384-Word x 4-bit Triple Port type Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn