Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM514222B Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM514222B
Description  262,263-Word x 4-Bit Field Memory
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM514222B Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
¡ Semiconductor
MSM514222B
OPERATION
Write Operation
The write operation is controlled by three clocks, SWCK, RSTW, and WE. Write operation is
accomplished by cycling SWCK, and holding WE high after the write address pointer reset
operation or RSTW.
Each write operation, which begins after RSTW, must contain at least 130 active write cycles, i.e.
SWCK cycles while WE is high. To transfer the last data to the DRAM array, which at that time
is stored in the serial data registers attached to the DRAM array, an RSTW operation is required
after the last SWCK cycle.
Write Reset : RSTW
The first positive transition of SWCK after RSTW becomes high resets the write address counters
to zero. RSTW setup and hold times are referenced to the rising edge of SWCK. Because the write
reset function is solely controlled by the SWCK rising edge after the high level of RSTW, the states
of WE are ignored in the write reset cycle.
Before RSTW may be brought high again for a further reset operation, it must be low for at least
two SWCK cycles.
Data Inputs : DIN0 - 3
Write Clock : SWCK
The SWCK latches the input data on chip when WE is high, and also increments the internal write
address pointer. Data-in setup time tDS, and hold time tDH are referenced to the rising edge of
SWCK.
Write Enable : WE
WE is used for data write enable/disable control. WE high level enables the input, and WE low
level disables the input and holds the internal write address pointer. There are no WE disable
time (low) and WE enable time (high) restrictions, because the MSM514222B is in fully static
operation as long as the power is on. Note that WE setup and hold times are referenced to the
rising edge of SWCK.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM514223B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4221C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4222C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4223C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM514221B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
HM53051262 144 - WORD X 4-BIT FRAME MEMORY 1 2 3 4 5 MoreHitachi Semiconductor
MSM548333240 384-Word x 8-bit + 240 384-Word x 4-bit Triple Port type Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn