Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM514222B Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MSM514222B
Description  262,263-Word x 4-Bit Field Memory
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM514222B Datasheet(HTML) 3 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
¡ Semiconductor
MSM514222B
20-Pin Plastic ZIP
NO LEAD
3
4
5
9
10
11
12
13
SWCK
DIN0
NC
NC
DIN1
DIN2
DIN3
VSS
24
23
22
18
17
16
15
14
RSTR
SRCK
NC
NC
DOUT0
DOUT1
DOUT2
DOUT3
2
RSTW
25 RE
1
WE
26 VCC
26/20-Pin Plastic SOJ

19
1
3
5
7
9
11
13
15
17
DOUT1
SRCK
RE
WE
SWCK
NC
NC
DIN1
DIN3
DOUT3
2
4
6
8
12
14
16
18
20
RSTR
VCC
RSTW
DIN0
NC
DIN2
VSS
DOUT2
DOUT0
16-Pin Plastic DIP
1
WE
2
RSTW
3
SWCK
4
DIN0
5
DIN1
6
DIN2
7
DIN3
8
VSS
16 VCC
15 RE
14 RSTR
13 SRCK
12 DOUT0
11 DOUT1
10 DOUT2
9 DOUT3
PIN CONFIGURATION (TOP VIEW)
Pin Name
Function
SRCK
Serial Read Clock
SWCK
Serial Write Clock
WE
Write Enable
RE
Read Enable
RSTW
Write Reset Clock
RSTR
Read Reset Clock
DIN0 - 3
Data Input
DOUT0 - 3
Data Output
VCC
Power Supply (5 V)
VSS
Ground (0 V)
NC
No Connection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM514223B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4221C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4222C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4223C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM514221B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
HM53051262 144 - WORD X 4-BIT FRAME MEMORY 1 2 3 4 5 MoreHitachi Semiconductor
MSM548333240 384-Word x 8-bit + 240 384-Word x 4-bit Triple Port type Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn