Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM514221B Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MSM514221B
Description  262,263-Word x 4-Bit Field Memory
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM514221B Datasheet(HTML) 3 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
¡ Semiconductor
MSM514221B
PIN CONFIGURATION (TOP VIEW)
20-Pin Plastic ZIP
NO LEAD
3
4
5
9
10
11
12
13
SWCK
DIN0
NC
NC
DIN1
DIN2
DIN3
VSS
24
23
22
18
17
16
15
14
RSTR
SRCK
NC
NC
DOUT0
DOUT1
DOUT2
DOUT3
2
RSTW
25 RE
1
WE
26 VCC
26/20-Pin Plastic SOJ

19
1
3
5
7
9
11
13
15
17
DOUT1
SRCK
RE
WE
SWCK
NC
NC
DIN1
DIN3
DOUT3
2
4
6
8
12
14
16
18
20
RSTR
VCC
RSTW
DIN0
NC
DIN2
VSS
DOUT2
DOUT0
16-Pin Plastic DIP
1
WE
2
RSTW
3
SWCK
4
DIN0
5
DIN1
6
DIN2
7
DIN3
8
VSS
16 VCC
15 RE
14 RSTR
13 SRCK
12 DOUT0
11 DOUT1
10 DOUT2
9 DOUT3
Pin Name
Function
SRCK
Serial Read Clock
SWCK
Serial Write Clock
WE
Write Enable
RE
Read Enable
RSTW
Write Reset Clock
RSTR
Read Reset Clock
DIN0 - 3
Data Input
DOUT0 - 3
Data Output
VCC
Power Supply (5 V)
VSS
Ground (0 V)
NC
No Connection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM514223B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4221C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4222C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4223C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM514222B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
HM53051262 144 - WORD X 4-BIT FRAME MEMORY 1 2 3 4 5 MoreHitachi Semiconductor
MSM548333240 384-Word x 8-bit + 240 384-Word x 4-bit Triple Port type Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn