Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM514221B Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM514221B
Description  262,263-Word x 4-Bit Field Memory
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM514221B Datasheet(HTML) 2 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
¡ Semiconductor
MSM514221B
FEATURES
• Single power supply: 5 V
±10%
• 512 Rows ¥ 512 Column ¥ 4 bits
• Fast FIFO (First-in First-out)operation
• High speed asynchronous serial access
Read/Write cycle time
30 ns/40 ns/60 ns
Access time
25 ns/30 ns/50 ns
• Functional compatibility with OKI MSM518221
• Self refresh (No refresh control is required)
• Package options:
16-pin 300 mil plastic DIP
(DIP16-P-300-2.54-W1)
(Product : MSM514221B-xxRS)
26/20-pin 300 mil plastic SOJ (SOJ26/20-P-300-1.27)
(Product : MSM514221B-xxJS)
20-pin 400 mil plastic ZIP
(ZIP20-P-400-1.27)
(Product : MSM514221B-xxZS)
xx indicates speed rank.
PRODUCT FAMILY
Family
Cycle Time (Min.)
Access Time (Max.)
Package
MSM514221B-30RS
30 ns
25 ns
MSM514221B-40RS
40 ns
30 ns
300 mil 16-pin DIP
MSM514221B-60RS
60 ns
50 ns
MSM514221B-30JS
30 ns
25 ns
MSM514221B-40JS
40 ns
30 ns
300 mil 26/20-pin SOJ
MSM514221B-60JS
60 ns
50 ns
MSM514221B-30ZS
30 ns
25 ns
MSM514221B-40ZS
40 ns
30 ns
400 mil 20-pin ZIP
MSM514221B-60ZS
60 ns
50 ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM514223B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4221C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4222C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V4223C262 263-Word × 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM514222B262 263-Word x 4-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
HM53051262 144 - WORD X 4-BIT FRAME MEMORY 1 2 3 4 5 MoreHitachi Semiconductor
MSM548333240 384-Word x 8-bit + 240 384-Word x 4-bit Triple Port type Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn