Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C6410GTS Datasheet(PDF) 31 Page - Texas Instruments

Part # TMX320C6410GTS
Description  Fixed-Point Digital Signal Processors
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6410GTS Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMX320C6410GTS Datasheet HTML 27Page - Texas Instruments TMX320C6410GTS Datasheet HTML 28Page - Texas Instruments TMX320C6410GTS Datasheet HTML 29Page - Texas Instruments TMX320C6410GTS Datasheet HTML 30Page - Texas Instruments TMX320C6410GTS Datasheet HTML 31Page - Texas Instruments TMX320C6410GTS Datasheet HTML 32Page - Texas Instruments TMX320C6410GTS Datasheet HTML 33Page - Texas Instruments TMX320C6410GTS Datasheet HTML 34Page - Texas Instruments TMX320C6410GTS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 140 page
background image
Peripheral Register Descriptions
31
April 2004 − Revised May 2005
SPRS247E
Table 2−15. HPI Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
HPID
HPI data register
Host read/write access only
0188 0000
HPIC
HPI control register
HPIC has both Host/CPU read/write access
0188 0004
HPIA
(HPIAW)
HPI address register
(Write)
HPIA has both Host/CPU read/write access
0188 0008
HPIA
(HPIAR)
HPI address register
(Read)
HPIA has both Host/CPU read/write access
0188 000C − 0189 FFFF
Reserved
018A 0000
HPI_TRCTL
HPI transfer request control
register
018A 0004 − 018B FFFF
Reserved
Host access to the HPIA register updates both the HPIAW and HPIAR registers. The CPU can access HPIAW and HPIAR independently.
Table 2−16. GP0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01B0 0000
GPEN
GP0 enable register
01B0 0004
GPDIR
GP0 direction register
01B0 0008
GPVAL
GP0 value register
01B0 000C
Reserved
01B0 0010
GPDH
GP0 delta high register
01B0 0014
GPHM
GP0 high mask register
01B0 0018
GPDL
GP0 delta low register
01B0 001C
GPLM
GP0 low mask register
01B0 0020
GPGC
GP0 global control register
01B0 0024
GPPOL
GP0 interrupt polarity register
01B0 0028 − 01B3 EFFF
Reserved


Similar Part No. - TMX320C6410GTS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6410GTS TI-TMX320C6410GTS Datasheet
1Mb / 145P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMX320C6410GTS TI1-TMX320C6410GTS Datasheet
1Mb / 146P
[Old version datasheet]   Fixed-Point Digital Signal Processors
More results

Similar Description - TMX320C6410GTS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com