Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP1784 Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP1784
Description  Dual 1.5MHz, 1.3A, High-Efficiency Synchronous-Rectified Buck Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1784 Datasheet(HTML) 4 Page - uPI Group Inc.

  UP1784 Datasheet HTML 1Page - uPI Group Inc. UP1784 Datasheet HTML 2Page - uPI Group Inc. UP1784 Datasheet HTML 3Page - uPI Group Inc. UP1784 Datasheet HTML 4Page - uPI Group Inc. UP1784 Datasheet HTML 5Page - uPI Group Inc. UP1784 Datasheet HTML 6Page - uPI Group Inc. UP1784 Datasheet HTML 7Page - uPI Group Inc. UP1784 Datasheet HTML 8Page - uPI Group Inc. UP1784 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
uP1784
4
uP1784-DS-F0000, Oct. 2013
www.upi-semi.com
The uP1784 contains two identical synchronous-rectified
buck converters running in out of phase operation. With
internal low R
DS(ON) switches, each converter is capable of
delivering 1.3A peak output current over a wide input voltage
range from 2.6V to 5.5V. Fixed 1.5MHz operation allows
possible smallest output ripple and external component
size. With high conversion efficiency and small package,
the uP1784 is ideally suitable for portable devices and USB/
PCIE-based interface cards where PCB area is especially
concerned. The output voltage is adjustable from 0.6V to
V
IN by a voltage divider. Other features include internal soft-
start, chip enable, under-voltage, over-temperature and over-
current protections.
Input Supply Voltage, V
INX
VIN1 and VIN2 supply currents to the internal control circuits
and supply currents to the output voltages. The supply
voltage range is from 2.6V to 5.5V. A power on reset (POR)
continuously monitors the input supply voltage. The POR
level is typically 2.5V at V
IN rising.
The uP1784 draws pulsed current with sharp edges each
time the upper switch turns on, resulting in voltage ripples
and spikes at supply input. A minimum 4.7uF ceramic
capacitor with shortest PCB trace is highly recommended
for bypassing the supply input.
Chip Enable/Disable and Soft Start
Pulling EN pin lower than 0.4V shuts down the uP1784
and reduces its quiescent current lower than 1uA. In the
shutdown mode, both upper and lower switches are turned
off.
Pulling EN pin higher than 1.5V enables the uP1784 and
initiates the soft start cycle. The uP1784 limits the in-rush
current at start-up. This prevents unwanted shutdown
otherwise may be triggered by voltage drop due to large
inrush current.
PWM Operation
The uP1784 adopts slope-compensated, current mode
PWM control capable of achieving 100% duty cycle. During
normal operation, the uP1784 operates at PWM mode to
regulate output voltage by transferring the power to the
output voltage cycle by cycle at a constant 1.5MHz
frequency. The uP1784 turns on the upper switch at each
rising edge of the internal oscillator allowing the inductor
current to ramp up linearly. The switch remains on until
either the current-limit is tripped or the PWM comparator
turns off the switch for regulating output voltage. The upper
switch current is sensed, slope compensated and
compared with the error amplifier output COMP to determine
the adequate duty cycle. The VOUT pin senses output
feedback voltage from an external resistive divider.
When the load current increases, it causes a slight
decrease in the feedback voltage relative to the 0.6V
reference, which in turn, causes the error amplifier output
voltage to increase until the average inductor current
matches the new load current.
The lower switch turns on with optimal deadtime and picks
up the inductor current after the upper switch turns off,
allowing the inductor current to ramp down linearly. The
switch remains on until the next rising edge of oscillator
turns on the upper switch. The uP1784 regulates the output
voltage by controlling the ramp up/down duty cycle of
inductor current. The high frequency switching ripple is
easily smoothed by the output filter.
A Pseudo Diode Emulator monitors inductor current by
sensing voltage drop across the lower switch when it turns
on. The lower switch acts a free wheel diode in an
asynchronous buck converter when the inductor current is
lower than 80mA. This allows the converter operating in
discontinuous conduction mode (DCM) and reduces
conduction loss and increase power conversion efficiency
at light condition.
PSM Operation
A finite minimum on-time for both upper and lower switches
is implemented for normal operation. Consequently, the
converter will enter pulse-skipping mode (PSM) during
extreme light load condition or when modulation index (V
OUT/
V
IN) is extremely low. The equivalent switching frequency
is reduced. This could reduce switching loss and further
increase power conversion efficiency.
Low Dropout Mode
The uP1784 increases duty cycle to maintain output voltage
within its regulation as the supply input drops gradually in
the battery-powered applications. The uP1784 operates with
100% duty cycle and enters low dropout mode as the supply
input approaches the output voltage. This maximizes the
battery life.
Current Limit Function
The uP1784 continuously monitors the inductor current for
current limit by sensing the voltage drop across the upper
switch when it turns on. When the inductor current is higher
than current limit threshold (1.4A typical), the current limit
function activates and forces the upper switch to turn off to
limit inductor current cycle by cycle. If the load continuously
demands more current than what uP1784 could provide,
uP1784 can not regulate the output voltage. Eventually
under voltage protection will be triggered and shuts down
the uP1784 if V
OUT is too low.
Functional Description


Similar Part No. - UP1784

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1707P UPI-UP1707P Datasheet
224Kb / 11P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707PSW8 UPI-UP1707PSW8 Datasheet
224Kb / 11P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707S UPI-UP1707S Datasheet
157Kb / 13P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707SSW8 UPI-UP1707SSW8 Datasheet
157Kb / 13P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
   High-Efficiency Synchronous-Rectified Buck Converter
More results

Similar Description - UP1784

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1722P UPI-UP1722P Datasheet
225Kb / 15P
   1.5MHz, 1.3A, High-Efficiency Synchronous-Rectified Buck Converter
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
   High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
   High-Efficiency Synchronous-Rectified Buck Converter
UP1727R UPI-UP1727R Datasheet
128Kb / 10P
   High-Efficiency Synchronous-Rectified Buck Converter
UP1727 UPI-UP1727 Datasheet
726Kb / 13P
   1.0MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
UP1727Q UPI-UP1727Q Datasheet
211Kb / 13P
   1.0MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
   3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP1728S UPI-UP1728S Datasheet
189Kb / 13P
   1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
UP1728 UPI-UP1728 Datasheet
189Kb / 12P
   1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com