Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC-350-CBG-256A-12.80 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TC-350-CBG-256A-12.80
Description  Low Profile TCXOs Temperature Compensated Crystal Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-350-CBG-256A-12.80 Datasheet(HTML) 1 Page - Vectron International, Inc

  TC-350-CBG-256A-12.80 Datasheet HTML 1Page - Vectron International, Inc TC-350-CBG-256A-12.80 Datasheet HTML 2Page - Vectron International, Inc TC-350-CBG-256A-12.80 Datasheet HTML 3Page - Vectron International, Inc TC-350-CBG-256A-12.80 Datasheet HTML 4Page - Vectron International, Inc TC-350-CBG-256A-12.80 Datasheet HTML 5Page - Vectron International, Inc TC-350-CBG-256A-12.80 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Data Sheet
TC-350 Series Low Profile TCXO’s
Temperature Compensated Crystal Oscillators
Features
•Frequency from 1 to 77.76 MHz
• ±1.0 ppm, -40°C to +85°C
• Low Profile: 3.81 mm (0.15”) Ht.
• Aging <5 ppm for Ten Years
• 3.3 Vdc or 5 Vdc operation
• TTL/HCMOS Output
Applications
• SMC Clock
• SONET/SDH Network Timing Sources
• Wireless Communications
• Satellite Communications
• Portable Test Equipment
Description
Vectron International has introduced a series of low profile
surface mount, Temperature Compensated Crystal
Oscillators (TCXO’s) available in frequencies from 1 to 77.76
MHz.
The TC-350 series surface mount TCXO can be mounted
using the standard convection reflow process. Current drain
to less than 5 mA is available upon request. Aging <5 ppm
for ten years.
For additional information about TCXO’s visit our website at:
www.tcxo.com


Similar Part No. - TC-350-CBG-256A-12.80

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
TC-35030-000 KNOWLES-TC-35030-000 Datasheet
869Kb / 5P
   KN2 –Premium Knowles Reference Design
TC-35064-000 KNOWLES-TC-35064-000 Datasheet
869Kb / 5P
   KN2 –Premium Knowles Reference Design
logo
List of Unclassifed Man...
TC-350R2U ETC2-TC-350R2U Datasheet
380Kb / 8P
   2U/3U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
More results

Similar Description - TC-350-CBG-256A-12.80

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC140 VECTRON-TC140 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com