Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

35SGQ060 Datasheet(PDF) 2 Page - International Rectifier

Part No. 35SGQ060
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

35SGQ060 Datasheet(HTML) 2 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
35SGQ060
2
www.irf.com
Part number
35SGQ060
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
60
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
35
A
50% duty cycle @ TC = 79°C, square waveform
See Fig. 5
IFSM
Max. Peak One Cycle Non - Repetitive
400
A
@ tp = 8.3 ms half-sine
Surge Current
Absolute Maximum Ratings
Q Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits
Units
Conditions
TJ
Max.Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
RthJC Max. Thermal Resistance, Junction
1.1
°C/W
DC operation
See Fig. 4
to Case
wt
Weight (Typical)
9.3
g
Die Size (Typical)
200X200
mils
Case Style
TO-254AA
Thermal-Mechanical Specifications
Parameters
Limits
Units
Conditions
VFM
Max. Forward Voltage Drop
0.88
V
@ 35A
TJ = -55°C
See Fig. 1
Q
1.23
V
@ 70A
0.83
V
@ 35A
TJ = 25°C
1.29
V
@ 70A
0.92
V
@ 35A
TJ = 125°C
1.46
V
@ 70A
IRM
Max. Reverse Leakage Current
0.5
mA
TJ = 25°C
See Fig. 2
Q
44
mA
TJ = 100°CVR = rated VR
175
mA
TJ = 125°C
CT
Max. Junction Capacitance
2300
pF
VR = 5VDC ( 1MHz, 25°C )
L S
Typical Series Inductance
7.8
nH
Measured from anode lead to cathode lead
Electrical Specifications
6mm ( 0.025 in.) from package


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn