Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC-350-CAD-156A-12.80 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TC-350-CAD-156A-12.80
Description  Low Profile TCXOs Temperature Compensated Crystal Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-350-CAD-156A-12.80 Datasheet(HTML) 2 Page - Vectron International, Inc

  TC-350-CAD-156A-12.80 Datasheet HTML 1Page - Vectron International, Inc TC-350-CAD-156A-12.80 Datasheet HTML 2Page - Vectron International, Inc TC-350-CAD-156A-12.80 Datasheet HTML 3Page - Vectron International, Inc TC-350-CAD-156A-12.80 Datasheet HTML 4Page - Vectron International, Inc TC-350-CAD-156A-12.80 Datasheet HTML 5Page - Vectron International, Inc TC-350-CAD-156A-12.80 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC-350 Series Low Profile TCXO’s
Performance Characteristics
Vectron International •
267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
2
Standard Frequencies:
10.00, 12.80, 13.00, 16.384, 19.44, 20.00, 20.48, 27.00 MHz
Available from 1.0 MHz to 77.76 MHz
Package:
22.86 x 17.78 x 3.81 mm (0.90” x 0.70” x 0.15”)
Supply Voltage (Vdd):
C = 5.0 Vdc ±5%
(Other options are available upon request)
D = 3.3 Vdc ±5%
Current:
Current draw will vary greatly depending on frequency and output
type. For this series TCXO typical current draw will be about 10 mA.
Please consult the factory about your exact current requirements.
Output:
A = HCMOS/ACMOS
B = 10 TTL
Voh min.
0.8 Vdd
2.4 Vdc
Voh max.
0.5 Vdc
0.5 Vdc
Rise/Fall Time:
5 ns max.
10 ns max.
Symmetry (Duty Cycle):
50% ±10%
50% ±10%
Load:
100k ohm // 10 pF
10 TTL
Temperature Stability:
B-507 = ±5.0 x 10-7
over
0°C to +50°C
B-106 = ±1.0 x 10-6
over
0°C to +50°C
C-507 = ±5.0 x 10-7
over
0°C to +70°C
C-106 = ±1.0 x 10-6
over
0°C to +70°C
D-757 = ±7.5 x 10-7
over
-20°C to +70°C
D-156 = ±1.5 x 10-6
over
-20°C to +70°C
F-106 = ±1.0 x 10-6
over
-40°C to +85°C
F-206 = ±2.0 x 10-6
over
-40°C to +85°C
G-156 = ±1.5 x 10-6
over
-55°C to +85°C
G-256 = ±2.5 x 10-6
over
-55°C to +85°C
Aging (typical):
<5 ppm for ten years @ +70°C
Frequency vs. Supply:
<±0.1 ppm for a ±5% change in Supply Voltage
Electrical Frequency Adjust:
±5 ppm minimum via external voltage, 0 to Vdd
NOTE: Tighter
stabilities and
wider temperature
ranges are avail-
able, please con-
sult the factory.
Parameter
Characteristics


Similar Part No. - TC-350-CAD-156A-12.80

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
TC-35030-000 KNOWLES-TC-35030-000 Datasheet
869Kb / 5P
   KN2 –Premium Knowles Reference Design
TC-35064-000 KNOWLES-TC-35064-000 Datasheet
869Kb / 5P
   KN2 –Premium Knowles Reference Design
logo
List of Unclassifed Man...
TC-350R2U ETC2-TC-350R2U Datasheet
380Kb / 8P
   2U/3U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
More results

Similar Description - TC-350-CAD-156A-12.80

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC140 VECTRON-TC140 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com