Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS2045CR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2045CR
Description  POWER SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045CR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2045CR Datasheet HTML 1Page - STMicroelectronics STPS2045CR Datasheet HTML 2Page - STMicroelectronics STPS2045CR Datasheet HTML 3Page - STMicroelectronics STPS2045CR Datasheet HTML 4Page - STMicroelectronics STPS2045CR Datasheet HTML 5Page - STMicroelectronics STPS2045CR Datasheet HTML 6Page - STMicroelectronics STPS2045CR Datasheet HTML 7Page - STMicroelectronics STPS2045CR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
1/8
Table 1: Main Product Characteristics
IF(AV)
2 x 10 A
VRRM
45 V
Tj (max)
175°C
VF (typ)
0.57 V
STPS2045C
POWER SCHOTTKY RECTIFIER
REV. 5
A1
K
A2
A1
K
A2
TO-220AB
STPS2045CT
I2PAK
STPS2045CR
K
A1
A2
A1
K
A2
A1
A2
K
TO-220FPAB
STPS2045CFP
D2PAK
STPS2045CG
November 2004
FEATURES AND BENEFITS
Very small conduction losses
Negligible switching losses
Extremely fast switching
Insulated package: TO-220FPAB
Insulating voltage = 2000V DC
Capacitance = 12 pF
Avalanche rated
DESCRIPTION
Dual center tap Schottky rectifier suited for
SwitchMode Power Supply and high frequency
DC to DC converters.
Packaged either in TO-220AB, TO-220FPAB,
I2PAK, or D2PAK, this device is especially
intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection
applications.
Table 2: Order Codes
Part Number
Marking
STPS2045CT
STPS2045CT
STPS2045CFP
STPS2045CFP
STPS2045CG
STPS2045CG
STPS2045CG-TR
STPS2045CG
STPS2045CR
STPS2045CR


Similar Part No. - STPS2045CR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2045C-Y STMICROELECTRONICS-STPS2045C-Y Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS2045CF STMICROELECTRONICS-STPS2045CF Datasheet
83Kb / 7P
   POWER SCHOTTKY RECTIFIER
STPS2045CG STMICROELECTRONICS-STPS2045CG Datasheet
83Kb / 7P
   POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS2045CG ISC-STPS2045CG Datasheet
246Kb / 2P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS2045CG-TR STMICROELECTRONICS-STPS2045CG-TR Datasheet
83Kb / 7P
   POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS2045CR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com