Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

STPS20H100CR Datasheet(PDF) 2 Page - STMicroelectronics

Part No. STPS20H100CR
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STPS20H100CR Datasheet(HTML) 2 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STPS20H100CT/CF/CG/CR/CFP
2/8
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB / D
2PAK/I2PAK
Per diode
1.6
°C/W
ISOWATT220AB / TO-220FPAB
Per diode
4
TO-220AB / D
2PAK/I2PAK
Total
0.9
ISOWATT220AB / TO-220FPAB
Total
3.2
°C/W
Rth (c)
TO-220AB / D
2PAK/I2PAK
Coupling
0.15
ISOWATT220AB / TO-220FPAB
Coupling
2.5
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
4.5
µA
Tj = 125°C
2
6
mA
VF **
Forward voltage drop
Tj = 25
°CIF = 8 A
0.71
V
Tj=25
°CIF = 10 A
0.77
Tj=25
°CIF = 16 A
0.81
Tj=25
°CIF = 20 A
0.88
Tj = 125°C
IF = 8 A
0.56
0.58
Tj = 125
°CIF = 10 A
0.59
0.64
Tj = 125
°CIF = 16 A
0.65
0.68
Tj = 125
°CIF = 20 A
0.67
0.73
Pulse test :
* tp=5ms,
δ <2%
** tp = 380 µs,
δ <2%
To evaluate the maximum conduction losses use the following equation :
P=0.55xIF(AV) + 0.009 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn