Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

STPS20H100CR Datasheet(PDF) 1 Page - STMicroelectronics

Part No. STPS20H100CR
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STPS20H100CR Datasheet(HTML) 1 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
STPS20H100CT/CF/CG/CR/CFP
®
July 2003 - Ed: 4G
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
IF(AV)
2x10A
VRRM
100 V
Tj
175°C
VF (max)
0.64 V
MAIN PRODUCT CHARACTERISTICS
s
NEGLIGIBLE SWITCHING LOSSES
s
HIGH JUNCTION TEMPERATURE CAPABILITY
s
GOOD TRADE OFF BETWEEN LEAKAGE CUR-
RENT AND FORWARD VOLTAGE DROP
s
LOW LEAKAGE CURRENT
s
AVALANCHE RATED
s
INSULATED
PACKAGE:
ISOWATT220AB,
TO-220FPAB
Insulating Voltage = 2000V DC
Capacitance = 45 pF
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Dual center tap schottky rectifier designed for
high
frequency
miniature
Switched
Mode
Power Supplies such as adaptators and on
board DC/DC converters.
DESCRIPTION
TO-220AB
STPS20H100CT
A1
A2
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward
current
δ = 0.5
TO-220AB
D
2PAK/I2PAK
Tc = 160°C
per diode
per device
10
20
A
ISOWATT220AB
TO-220FPAB
Tc = 145°C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
250
A
IRRM
Repetitive peak reverse current
tp=2µs square F = 1kHz
1
A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
3
A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
10800
W
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
I2PAK
STPS20H100CR
D2PAK
STPS20H100CG
K
A1
A2
K
A2
A1
A1
A2
K
ISOWATT220AB
STPS20H100CF
K
A2
A1
*:
dPtot
dTj
Rth j
a
<
1
()
thermal runaway condition for a diode on its own heatsink
A1
A2
K
TO-220FPAB
STPS20H100CFP


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn