Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC73-681 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIC73-681
Description  Low Profile (2.5mm max, height) SMD type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIC73-681 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIC73-681 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
Tolerance of inductance
10~82uH 30%
100~820uH 20%
1000~3900uH 10%
I
: rated current.
L<10%, T<45
at I
Operating temperature: -20
to 105
(including self-temperature rise)
o
Test condition at 25 C: 1KHz, 1V
oC
oo
CC
RATED
RATED
RATED
SMT Power Inductor
SIC73 Type
Low profile (2.5mm max. height) SMD type.
Magnetically shielded,suitable for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
custom inductors are available to meet your exact requirements.
Features
0.7
1.2
7.5 0.5
6.8 0.5
2.0
2
3
2.8
1
4
2.5 Max.
0.7
2.9
2.3
1.6
1.7
53
L
DCR
I
PART NO.
(UH)
( ) MAX
(Adc)
SIC73-100
10
0.200
0.700
SIC73-120
12
0.220
0.616
SIC73-150
15
0.291
0.572
SIC73-180
18
0.307
0.524
SIC73-220
22
0.355
0.468
SIC73-270
27
0.412
0.432
SIC73-330
33
0.456
0.392
SIC73-390
39
0.580
0.372
SIC73-470
47
0.671
0.340
SIC73-560
56
0.735
0.284
SIC73-680
68
0.981
0.276
SIC73-820
82
1.110
0.256
SIC73-101
100
1.250
0.228
SIC73-121
120
1.400
0.208
SIC73-151
150
1.850
0.188
SIC73-181
180
2.110
0.168
SIC73-221
220
2.540
0.160
SIC73-271
270
4.130
0.144
SIC73-331
330
4.350
0.128
SIC73-391
390
4.860
0.120
SIC73-471
470
6.640
0.104
SIC73-561
560
7.250
0.096
SIC73-681
680
8.180
0.088
SIC73-821
820
9.680
0.080
SIC73-102
1000
15.400
0.072
SIC73-122
1200
18.100
0.070
SIC73-152
1500
18.800
0.064
SIC73-182
1800
20.600
0.055
SIC73-222
2200
32.300
0.050
SIC73-272
2700
36.800
0.046
SIC73-332
3300
40.900
0.040
SIC73-392
3900
48.800
0.037
Electrical Characteristics:
Recommended Pad
0.00
0.01
0.10
1.00
10.00
CURRENT (A)
1.00
10.00
100.00
1000.00
10000.00
100
120
150
180
220
270
330
470
560
680
820
101
390
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
Mechanical Dimension: Unit: mm
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com


Similar Part No. - SIC73-681

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC734CD9 VISHAY-SIC734CD9 Datasheet
202Kb / 10P
   Fast Switching MOSFETs With Integrated Driver
Rev. C, 25-Dec-06
SIC734CD9-T1 VISHAY-SIC734CD9-T1 Datasheet
202Kb / 10P
   Fast Switching MOSFETs With Integrated Driver
Rev. C, 25-Dec-06
More results

Similar Description - SIC73-681

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZS6A-06-G2 YAMAICHI-ZS6A-06-G2 Datasheet
62Kb / 1P
   180째 SMT Low Profile Socket (Height 2.5mm)
logo
Murata Manufacturing Co...
DLW5BTZ101TQ2 MURATA1-DLW5BTZ101TQ2_V01 Datasheet
373Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTH101TQ2 MURATA1-DLW5BTH101TQ2 Datasheet
423Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTH102TQ2 MURATA1-DLW5BTH102TQ2 Datasheet
424Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTH251TQ2 MURATA1-DLW5BTH251TQ2 Datasheet
423Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM501TQ2 MURATA1-DLW5BTM501TQ2_V01 Datasheet
427Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTZ142TQ2 MURATA1-DLW5BTZ142TQ2_V01 Datasheet
375Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTZ251TQ2 MURATA1-DLW5BTZ251TQ2_V01 Datasheet
373Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTZ102TQ2 MURATA1-DLW5BTZ102TQ2_V01 Datasheet
375Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTH501TQ2 MURATA1-DLW5BTH501TQ2 Datasheet
424Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com