Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIS43-221 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIS43-221
Description  Small Size, Low Profile SMD type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIS43-221 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIS43-221 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L
DCR
Is
Ir
PART NO.
(uH)
( ) MAX
(Adc)
(Adc)
SIS43-1R0
1.0
0.050
2.9
2.9
SIS43-1R5
1.5
0.050
2.6
2.8
SIS43-2R2
2.2
0.070
2.3
2.4
SIS43-3R3
3.3
0.080
2.0
2.0
SIS43-4R7
4.7
0.090
1.5
1.5
SIS43-6R8
6.8
0.130
1.2
1.4
SIS43-100
10
0.160
1.1
1.2
SIS43-150
15
0.230
0.9
1.1
SIS43-220
22
0.370
0.7
0.8
SIS43-330
33
0.510
0.58
0.6
SIS43-470
47
0.640
0.50
0.5
SIS43-680
68
0.860
0.40
0.4
SIS43-101
100
1.270
0.31
0.3
SIS43-151
150
2.000
0.27
0.25
SIS43-221
220
3.110
0.22
0.20
SIS43-331
330
3.800
0.18
0.16
SIS43-471
470
5.060
0.16
0.15
SIS43-681
680
9.200
0.14
0.12
SIS43-102
1000
13.800
0.10
0.07
Tolerance of inductance
1.0~1000uH 2
L<10% at I
T<45
at Ir
Operating temperature: -20
to 105
(including self-temperature rise)
o
Test condition at 25 C: 100KHz, 0.1V
0%
S
oC
oo
CC
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
SIS43 Type
Features
Small size (6.6mm*4.45mm), low profile (2.9mm max. height) SMD type.
Unshielded, suitable for high density mounting.
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
custom inductors are available to meet your exact requirements.
1.6
1.15
4.5
2.9 Max.
4.45 Max.
6.6 Max.
4.8 0.2
1.3 0.2
0.77 0.2
SMT Power Inductor
62
Recommended Pad
0.00
0.01
0.10
1.00
10.00
CURRENT (A)
1.00
10.00
100.00
1000.00
102
681
471
331
221
151
101
680
470
330
220
150
100
6R8
4R7
3R3
2R2
1R5
1R0
Mechanical Dimension: Unit: mm
Electrical Characteristics:
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com


Similar Part No. - SIS43-221

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS430DN VISHAY-SIS430DN Datasheet
126Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 03-Nov-08
logo
Vishay Telefunken
SIS430DN TFUNK-SIS430DN Datasheet
553Kb / 13P
   N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SIS434DN VISHAY-SIS434DN Datasheet
563Kb / 13P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 15-Jun-09
logo
Vishay Telefunken
SIS434DN TFUNK-SIS434DN Datasheet
555Kb / 13P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SIS434DN-T1-GE3 VISHAY-SIS434DN-T1-GE3 Datasheet
563Kb / 13P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 15-Jun-09
More results

Similar Description - SIS43-221

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLW21SN181XQ2 MURATA1-DLW21SN181XQ2_V01 Datasheet
405Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21SZ261XQ2 MURATA1-DLW21SZ261XQ2_V01 Datasheet
405Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21HN181SQ2 MURATA1-DLW21HN181SQ2_V01 Datasheet
342Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
DLW21SN211XK2 MURATA1-DLW21SN211XK2_V01 Datasheet
406Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21HN670HQ2 MURATA1-DLW21HN670HQ2_V01 Datasheet
337Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/20
DLW21HN900HQ2 MURATA1-DLW21HN900HQ2_V01 Datasheet
337Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
DLW21SN261XQ2 MURATA1-DLW21SN261XQ2_V01 Datasheet
406Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21HN121SQ2 MURATA1-DLW21HN121SQ2_V01 Datasheet
341Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
DLW21SZ181XQ2 MURATA1-DLW21SZ181XQ2_V01 Datasheet
405Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21SZ491XQ2 MURATA1-DLW21SZ491XQ2_V01 Datasheet
406Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com